Electronic Components Datasheet Search |
|
FB5759C7520A00 Datasheet(PDF) 1 Page - Anaren Microwave |
|
FB5759C7520A00 Datasheet(HTML) 1 Page - Anaren Microwave |
1 / 5 page Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 Model X0060L7575A00 Rev C Ultra Low Profile 0603 RF Crossover Description The (patent pending) X0066L7575A00 is an ultra-small low profile crossover that enables the transition of two intersecting RF traces in an easy to use industry standard SMT package. The 0603 crossover is ideal for any critical applications where layout and available space are a premium and resorting to addition PWB layers and larger overall footprints are unacceptable. With low insertion loss and high isolation packaged with cost in mind, this novel component delivers . Detailed Electrical Specifications*: Specifications subject to change without notice. ROOM (25 °C) Parameter Min. Typ. Max Unit Frequency 0 2500 MHz Port Impedance 75 Ω Return Loss 19 21 dB Insertion Loss 0.1 0.15 dB Isolation (cross-talk) 0 – 700 MHz 44 52 dB 700 - 1700 MHz 40 47 dB 1700 - 2500 MHz 38 43 dB Power Handling 2 Watts Features: • 0 – 2500 MHz. • 0.7mm Height Profile • 75 Ohm RF-RF Crossover • All Wireless Frequencies • Low Insertion Loss • High Isolation • Surface Mountable • Tape & Reel • Non-conductive Surface • RoHS Compliant Operating Temperature -55 +85 ºC Outline Drawing Mechanical Outline Dimensions are in Inches [Millimeters] Tolerances are Non-Cumulative Bottom View (Far-side) Side View Top View (Near-side) Pin 3 6 1 2 4 5 Designation GND Orientation Marker Denotes Pin Location .027±.002 [0.70±0.05] .059±.004 [1.50±0.10] .029±.004 [0.75±0.10] .008 [0.20] .010 [0.24] 4 5 6 .020 [0.52] 3 .020 [0.50] 2 1 RF 2 In/Out GND RF 1 In/Out RF 2 In/Out RF 1 In/Out |
Similar Part No. - FB5759C7520A00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |