Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR13A Datasheet(PDF) 2 Page - SunLED Corporation

Part # DUR13A
Description  13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUR13A Datasheet(HTML) 2 Page - SunLED Corporation

  DUR13A Datasheet HTML 1Page - SunLED Corporation DUR13A Datasheet HTML 2Page - SunLED Corporation DUR13A Datasheet HTML 3Page - SunLED Corporation DUR13A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.SunLED.com
Published Date : MAR 05,2008
Drawing No : SDSA2073
V5
Checked :Shin Chi
P.2/4
Part Number:
DUR13A
13.2mm(0.52”) SINGLE DIGIT NUMERIC DISPLAY
UR
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.03.14
17:59:48 +08'00'


Similar Part No. - DUR13A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR100A SUNLED-DUR100A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100A-A SUNLED-DUR100A-A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUR100C SUNLED-DUR100C Datasheet
220Kb / 5P
   100mm(4.0")SINGLE DIGIT NUMERIC DISPLAY
DUR100C-A SUNLED-DUR100C-A Datasheet
220Kb / 5P
   100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
logo
Littelfuse
DUR1040CT LITTELFUSE-DUR1040CT Datasheet
577Kb / 3P
   Low forward voltage drop
More results

Similar Description - DUR13A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG13C SUNLED-DUG13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUY13C SUNLED-DUY13C Datasheet
178Kb / 4P
   13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
DMR13A SUNLED-DMR13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUG13A SUNLED-DUG13A Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DMR13C SUNLED-DMR13C Datasheet
180Kb / 4P
   13.2mm(0.52) SINGLE DIGIT NUMERIC DISPLAY
DUY13A SUNLED-DUY13A Datasheet
178Kb / 4P
   13.2mm(0.52?? SINGLE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BT-A534RD BRIGHT-BT-A534RD Datasheet
294Kb / 3P
   13.2mm(0.52) high single digit segments display
BS-A544RD BRIGHT-BS-A544RD Datasheet
239Kb / 3P
   13.2mm(0.52) high single digit segments display
BS-C545RD BRIGHT-BS-C545RD Datasheet
161Kb / 3P
   13.2mm(0.52) high single digit segments display
logo
Kingbright Corporation
SC52-11SRWA KINGBRIGHT-SC52-11SRWA_1 Datasheet
128Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com