Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGD3NB60SD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGD3NB60SD
Description  N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60SD Datasheet(HTML) 2 Page - STMicroelectronics

  STGD3NB60SD Datasheet HTML 1Page - STMicroelectronics STGD3NB60SD Datasheet HTML 2Page - STMicroelectronics STGD3NB60SD Datasheet HTML 3Page - STMicroelectronics STGD3NB60SD Datasheet HTML 4Page - STMicroelectronics STGD3NB60SD Datasheet HTML 5Page - STMicroelectronics STGD3NB60SD Datasheet HTML 6Page - STMicroelectronics STGD3NB60SD Datasheet HTML 7Page - STMicroelectronics STGD3NB60SD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
3.125
100
1.5
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tj = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter
Breakdown Voltage
IC = 250
µA
VGE = 0
600
V
ICES
Collector cut-off
(VGE = 0)
VCE = Max Rating
Tj =
25
oC
VCE = Max Rating
Tj = 125
o C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE =
± 20 V
VCE = 0
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold
Voltage
VCE = VGE
IC = 250
µA
2.5
5
V
VCE(SAT)
Collector-Emitter
Saturation Voltage
VGE = 15 V
IC = 1.5 A
VGE = 15 V
IC = 3 A
VGE = 15 V
IC = 3 A
Tj = 125
o C
1
1.2
1.1
1.5
V
V
V
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward
Transconductance
VCE =25 V
IC = 3 A
1.7
2.5
S
Cies
Coes
Cres
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VCE = 25 V
f = 1 MHz
VGE = 0
255
30
5.6
330
40
7
pF
pF
pF
QG
QGE
QGC
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE = 480 V
IC = 3 A
VGE = 15 V
18
5.4
5.5
nC
nC
nC
ICL
Latching Current
Vclamp = 480 V
RG=1k
Tj = 150
oC
12
A
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
IC = 3 A
VGE= 15 V
RG = 1k
125
150
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching
Losses
VCC = 480 V
IC = 3 A
RG = 1k
VGE = 15 V
Tj = 125
oC
50
1100
A/
µs
µJ
STGD3NB60SD
2/8


Similar Part No. - STGD3NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
305Kb / 9P
   N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
STGD3NB60SDT4 STMICROELECTRONICS-STGD3NB60SDT4 Datasheet
305Kb / 9P
   N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
   N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
More results

Similar Description - STGD3NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
   N-CHANNEL 3A - 600V DPAK Power MESH IGBT
STGD7NB60S STMICROELECTRONICS-STGD7NB60S Datasheet
289Kb / 8P
   N-CHANNEL 7A - 600V DPAK Power MESH IGBT
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
   N-CHANNEL 3A - 600V D2PAK Power MESH??IGBT
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD_04 Datasheet
305Kb / 9P
   N-CHANNEL 3A - 600V - DPAK PowerMESH TM IGBT
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
   N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH??IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
   N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com