Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUG06A4-A Datasheet(PDF) 4 Page - SunLED Corporation

Part # DUG06A4-A
Description  6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG06A4-A Datasheet(HTML) 4 Page - SunLED Corporation

  DUG06A4-A Datasheet HTML 1Page - SunLED Corporation DUG06A4-A Datasheet HTML 2Page - SunLED Corporation DUG06A4-A Datasheet HTML 3Page - SunLED Corporation DUG06A4-A Datasheet HTML 4Page - SunLED Corporation DUG06A4-A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 29,2008
Drawing No : SDSA2289
V4
Checked : Shin Chi
P.4/5
Part Number:
DUG06A4-A
6.2mm (0.25”) FOUR DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou, email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.03.05 08:18:00 +08'00'


Similar Part No. - DUG06A4-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG06A4 SUNLED-DUG06A4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG06A4-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUR06A4-A SUNLED-DUR06A4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUG06C4 SUNLED-DUG06C4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06C4-A SUNLED-DUR06C4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUY06A4-A SUNLED-DUY06A4-A Datasheet
218Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06C4-A SUNLED-DUG06C4-A Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DMR06A4-A SUNLED-DMR06A4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUY06C4 SUNLED-DUY06C4 Datasheet
219Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUY06C4-A SUNLED-DUY06C4-A Datasheet
219Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUR06C4 SUNLED-DUR06C4 Datasheet
231Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DMR06A4 SUNLED-DMR06A4 Datasheet
231Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com