Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT686K06013 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TAT686K06013
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT686K06013 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TAT686K06013 Datasheet HTML 1Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 2Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT686K06013 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Ratings
TAT(CLR79)
Maximum
DC Leakage
(µA)
Maximum %
Capacitance
change from Room
Temperature
Part Number MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol
(±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Max Ripple
@ +85°C
40kHz (mA)
+25° C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
6 Volts Maximum at 85°C(4 Volts at 125°C), Surge Voltage 6.9 at 85°C
TAT306M 00611
30
20
1
9
3.98
1
2
820
-40 +10.5
+12
0001
0221
0441
TAT306K 00611
30
10
1
9
3.98
1
2
820
-40 +10.5
+12
0002
0222
0442
TAT306J 00611
30
5
1
9
3.98
1
2
820
-40 +10.5
+12
0003
0223
0443
TAT686M 00611
68
20
1
15
3.16
1
2
960
-40
+14
+16
0004
0224
0444
TAT686K 00611
68
10
1
15
3.16
1
2
960
-40
+14
+16
0005
0225
0445
TAT686J 00611
68
5
1
15
3.16
1
2
960
-40
+14
+16
0006
0226
0446
TAT147M 00612
140
20
2
21
1.99
1
3
1200
-40
+14
+16
0007
0227
0447
TAT147K 00612
140
10
2
21
1.99
1
3
1200
-40
+14
+16
0008
0228
0448
TAT147J 00612
140
5
2
21
1.99
1
3
1200
-40
+14
+16
0009
0229
0449
TAT277M 00612
270
20
2
45
2.21
1
6.5
1375
-44 +17.5
+20
0010
0230
0450
TAT277K 00612
270
10
2
45
2.21
1
6.5
1375
-44 +17.5
+20
0011
0231
0451
TAT277J 00612
270
5
2
45
2.21
1
6.5
1375
-44 +17.5
+20
0012
0232
0452
TAT337M 00613
330
20
3
36
1.45
2
7.9
1800
-44
+14
+16
0013
0233
0453
TAT337K 00613
330
10
3
36
1.45
2
7.9
1800
-44
+14
+16
0014
0234
0454
TAT337J 00613
330
5
3
36
1.45
2
7.9
1800
-44
+14
+16
0015
0235
0455
TAT567M 00613
560
20
3
55
1.30
2
13
1900
-64 +17.5
+20
0016
0236
0456
TAT567K 00613
560
10
3
55
1.30
2
13
1900
-64 +17.5
+20
0017
0237
0457
TAT567J 00613
560
5
3
55
1.30
2
13
1900
-64 +17.5
+20
0018
0238
0458
TAT128M 00614
1200
20
4
90
1.00
3
14
2265
-80
+25
+25
0019
0239
0459
TAT128K 00614
1200
10
4
90
1.00
3
14
2265
-80
+25
+25
0020
0240
0460
8 Volts Maximum at 85°C(5 Volts at 125°C), Surge Voltage 9.2 at 85°C
TAT256M 00811
25
20
1
7.5
3.98
1
2
820
-40 +10.5
+12
0021
0241
0461
TAT256K 00811
25
10
1
7.5
3.98
1
2
820
-40 +10.5
+12
0022
0242
0462
TAT256J 00811
25
5
1
7.5
3.98
1
2
820
-40 +10.5
+12
0023
0243
0463
TAT566M 00811
56
20
1
14
3.32
1
2
900
-40
+14
+16
0024
0244
0464
TAT566K 00811
56
10
1
14
3.32
1
2
900
-40
+14
+16
0025
0245
0465
TAT566J 00811
56
5
1
14
3.32
1
2
900
-40
+14
+16
0026
0246
0466
TAT127M 00812
120
20
2
20
2.21
1
2
1220
-44 +17.5
+20
0027
0247
0467
TAT127K 00812
120
10
2
20
2.21
1
2
1220
-44 +17.5
+20
0028
0248
0468
TAT127J 00812
120
5
2
20
2.21
1
2
1220
-44 +17.5
+20
0029
0249
0469
TAT227M 00812
220
20
2
37
2.23
1
7
1370
-44 +17.5
+20
0030
0250
0470
TAT227K 00812
220
10
2
37
2.23
1
7
1370
-44 +17.5
+20
0031
0251
0471
TAT227J 00812
220
5
2
37
2.23
1
7
1370
-44 +17.5
+20
0032
0252
0472
TAT297M 00813
290
20
3
34
1.56
2
6
1770
-64 +17.5
+20
0033
0253
0473
TAT297K 00813
290
10
3
34
1.56
2
6
1770
-64 +17.5
+20
0034
0254
0474
TAT297J 00813
290
5
3
34
1.56
2
6
1770
-64 +17.5
+20
0035
0255
0475
TAT437M 00813
430
20
3
46
1.42
2
14
1825
-64 +17.5
+20
0036
0256
0476
TAT437K 00813
430
10
3
46
1.42
2
14
1825
-64 +17.5
+20
0037
0257
0477
TAT437J 00813
430
5
3
46
1.42
2
14
1825
-64 +17.5
+20
0038
0258
0478
TAT857M 00814
850
20
4
60
0.94
4
16
2330
-80
+25
+25
0039
0259
0479
TAT857K 00814
850
10
4
60
0.94
4
16
2330
-80
+25
+25
0040
0260
0480


Similar Part No. - TAT686K06013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT686K06013 ETC2-TAT686K06013 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT686K06013

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com