Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB7NB40LZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGB7NB40LZ
Description  N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH??IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB7NB40LZ Datasheet(HTML) 1 Page - STMicroelectronics

  STGB7NB40LZ Datasheet HTML 1Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 2Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 3Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 4Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 5Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 6Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 7Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
March 2003
STGB7NB40LZ
N-CHANNEL CLAMPED 14A - D2PAK
INTERNALLY CLAMPED PowerMESH™ IGBT
s
POLYSILICON GATE VOLTAGE DRIVEN
s
LOW THRESHOLD VOLTAGE
s
LOW ON-VOLTAGE DROP
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
HIGH VOLTAGE CLAMPING FEATURE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESHIGBTs, with outstanding
performances. The built in collector-gate zener
exhibits a very precise active clamping while the
gate-emitter zener supplies an ESD protection.
APPLICATIONS
s
AUTOMOTIVE IGNITION
ABSOLUTE MAXIMUM RATINGS
TYPE
VCES
VCE(sat)
IC
STGB7NB40LZ
CLAMPED
< 1.50 V14 A
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS =0)
CLAMPED
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
CLAMPED
V
IC
Collector Current (continuous) at 100°C
14
A
RG
Minimum External Gate Resistor
500
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.66
W/°C
ECL
Single Pulse Collector to Emitter Avalanche Energy
IC=13 A ;Tj= 150°C (see fig.1-2)
130
mJ
EECAV
Reverse Avalanche Energy
IC = 7 A ;f= 100 Hz ; Tc = 25°C
10
mJ
Tstg
Storage Temperature
–55 to 175
°C
Tj
Operating Junction Temperature
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGB7NB40LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB60FD STMICROELECTRONICS-STGB7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGB7NB60FDT4 STMICROELECTRONICS-STGB7NB60FDT4 Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
STGB7NB60KD STMICROELECTRONICS-STGB7NB60KD Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGB7NB60KD STMICROELECTRONICS-STGB7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
More results

Similar Description - STGB7NB40LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB20NB32LZ STMICROELECTRONICS-STGB20NB32LZ Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
   N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh??IGBT
STGP20NB37LZ STMICROELECTRONICS-STGP20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com