Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBBA14A2 Datasheet(PDF) 3 Page - SunLED Corporation

Part # DBBA14A2
Description  14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DBBA14A2 Datasheet(HTML) 3 Page - SunLED Corporation

  DBBA14A2 Datasheet HTML 1Page - SunLED Corporation DBBA14A2 Datasheet HTML 2Page - SunLED Corporation DBBA14A2 Datasheet HTML 3Page - SunLED Corporation DBBA14A2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 29,2008
Drawing No : SDSA6492
V1
Checked : Shin Chi
P.3/4
14.22mm (0.56”) DUAL DIGIT NUMERIC DISPLAY
Part Number:
DBBA14A2
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - DBBA14A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DBBA14A SUNLED-DBBA14A Datasheet
184Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DBBA14A-1 SUNLED-DBBA14A-1 Datasheet
190Kb / 4P
   14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DBBA14A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG14A2 SUNLED-DUG14A2 Datasheet
187Kb / 4P
   14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DUY14A2 SUNLED-DUY14A2 Datasheet
189Kb / 4P
   14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DMR14A2 SUNLED-DMR14A2 Datasheet
187Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUR14A2 SUNLED-DUR14A2 Datasheet
187Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DBBA14C2 SUNLED-DBBA14C2 Datasheet
198Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DVG14A2 SUNLED-DVG14A2 Datasheet
188Kb / 4P
   14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DMR14A4 SUNLED-DMR14A4 Datasheet
194Kb / 4P
   14.22mm (0.56?? FOUR DIGIT NUMERIC DISPLAY
DUR14A4-A SUNLED-DUR14A4-A Datasheet
194Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUY14C4-1A SUNLED-DUY14C4-1A Datasheet
195Kb / 4P
   14.22mm (0.56) FOUR DIGIT NUMERIC DISPLAY
DUY14A3-A SUNLED-DUY14A3-A Datasheet
193Kb / 4P
   14.22mm (0.56) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com