Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPP6D22K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WPP6D22K-F
Description  Film/Foil Polypropylene Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WPP6D22K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WPP6D22K-F Datasheet HTML 1Page - Cornell Dubilier Electronics WPP6D22K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type WPP Film/Foil Polypropylene Capacitors
Type WPP axial-leaded, polypropylene film/foil
capacitors incorporate non-inductive extended foil
construction with epoxy end seals.
Type WPP is
rated for continuous-duty operation over the temper-
ature range of –55 ºC to 105 ºC without voltage derat-
ing. Low ESR, low dissipation factor and the inherent
stability make Type WPP ideal for tight tolerance, pulse
and high frequency applications
Axial Leaded High Frequency Pulse Capacitors
Highlights
High pulse rating
High frequency operation
Low ESR
Low DF
Precise values
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
Pulse Capability:
.001 to 5.0 µF
100 to 1000 Vdc (70 to 250 Vac, 60 Hz)
±10% (K) Standard, ±5% (J) Special Order
–55 to 105 ºC
160% rated voltage for 1 minute
0.1% Max @ 25 ºC, 1 kHz
100,000 MΩ x µF
200,000 MΩ Min.
500 h @ 85 ºC at 125% rated voltage
Outline Drawing
Pulse Capability
Rated
Body Length
Voltage
0.625 .750-.875 .937-1.125 1.250-1.312 1.375-1.562 ≥1.750
dv/dt – volts per microsecond, maximum
100
4200
4000
2900
1900
1600
1100
200
6900
4100
3000
2400
2000
1400
400
19500
10000
3900
2600
2200
600
60000
20000
12000
6700
3000
1000
37000
15000
9200
7400
3400
Ratings
Note: Other capacitances values, sizes and performance specifications
are available. Contact CDE.
RoHS Compliant
Cap
Catalog
D
L
d
(µF) Part Number Inches (mm) Inches (mm) Inches (mm)
100 Vdc (70 Vac)
0.0010 WPP1D1K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0015 WPP1D15K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0022 WPP1D22K–F 0.220 (5.6) 0.625 (15.9) 0.020 (0.5)
0.0033 WPP1D33K–F 0.228 (5.8) 0.625 (15.9) 0.020 (0.5)
0.0047 WPP1D47K–F 0.240 (6.1) 0.625 (15.9) 0.020 (0.5)
0.0068 WPP1D68K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
100 Vdc (70 Vac)
0.0100 WPP1S1K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
0.0150 WPP1S15K–F 0.250 (6.3) 0.625 (15.9) 0.020 (0.5)
0.0220 WPP1S22K–F 0.270 (6.9) 0.625 (15.9) 0.020 (0.5)
0.0330 WPP1S33K–F 0.319 (8.1) 0.625 (15.9) 0.024 (0.6)
0.0470 WPP1S47K–F 0.298 (7.6) 0.875 (22.2) 0.024 (0.6)
0.0680 WPP1S68K–F 0.350 (8.9) 0.875 (22.2) 0.024 (0.6)


Similar Part No. - WPP6D22K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPP6D22K-F ETC2-WPP6D22K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
More results

Similar Description - WPP6D22K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com