Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C323-ENL Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS87C323-ENL
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C323-ENL Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS87C323-ENL Datasheet HTML 6Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 7Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 8Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 9Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 10Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 11Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 12Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 13Page - Dallas Semiconductor DS87C323-ENL Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 175 page
background image
High-Speed Microcontroller User’s Guide
10 of 175
SPECIAL FUNCTION REGISTERS
The High-Speed Microcontroller, like the 8051, uses Special Function Registers (SFRs) to control
peripherals and modes. In many cases, an SFR will control individual functions or report status on
individual functions.
The SFRs reside in register locations 80h-FFh and are reached using direct
addressing. SFRs that end in 0 or 8 are bit addressable.
All standard SFR locations from the original 8051 are duplicated in the High-Speed Microcontroller, with
several additions. Following tables illustrate the locations of the SFRs for various devices. Following
each tables a description of the default reset conditions of all SFR bits. The following section is a
detailed description of each Special Function Register.
DS80C310 SPECIAL FUNCTION REGISTER LOCATIONS Table 4-1
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD-0
SMOD0
-
-
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/
T
M1
M0
GATE
C/
T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
-
-
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
90h
EXIF
IE5
IE4
IE3
IE2
-
-
-
-
91h
SCON0
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
98h
SBUF0
99h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
A0h
IE
EA
-
ET2
ES0
ET1
EX1
ET0
EX0
A8h
SADDR0
A9h
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
B0h
IP
-
-
PT2
PS0
PT1
PX1
PT0
PX0
B8h
SADEN0
B9h
STATUS
0
HIP
LIP
1
1
1
1
1
C5h
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/
T2
CP/
RL2
C8h
T2MOD
-
-
-
-
-
-
T2OE
DCEN
C9h
RCAP2L
CAh
RCAP2H
CBh
TL2
CCh
TH2
CDh
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
D0h
WDCON
-
POR
-
-
-
-
-
-
D8h
ACC
E0h
EIE
-
-
-
-
EX5
EX4
EX3
EX2
E8h
B
F0h
EIP
-
-
-
-
PX5
PX4
PX3
PX2
F8h


Similar Part No. - DS87C323-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520 MAXIM-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C323-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com