Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT187J01012 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # TAT187J01012
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT187J01012 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  TAT187J01012 Datasheet HTML 1Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 2Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT187J01012 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Dimensions
Inches (mm)
Uninsulated Uninsulated Insulated
Insulated
E
CDE Size
D
L
D
L
C
A
Lead Length
Typical
Weight
CASE
± .016(.41)
+ .031, -.016
Maximum
Maximum
Maximum
Lead
dia.(Nom)
±.250(±.6.35)
(grams)
(+.79, -.41)
1
T1
.201(5.10) .475(12.06) .232(5.89) .640(16.26) .756(19.20)
.025 (.64)
1.50(38.10)
2
2
T2
.289(7.34) .632(16.05) .314(7.98) .800(20.32) .913(23.19)
.025 (.64)
2.25 (57.15)
5
3
T3
.387(9.83) .747(18.97) .418(10.62) .900(22.86) 1.028(26.11)
.025 (.64)
2.25 (57.15)
8
4
T4
.387(9.83) 1.047(26.59) .418(10.62) 1.200(30.48) 1.328(33.73)
.025 (.64)
2.25 (57.15)
15
Part Number Nomenclature and Ordering
(Commercial Parts)
TAT 106
M
025
1
2
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series: TAT (M39006/22), TAX (M39006/25)
(2) Cap code: Expressed in Picofarads (1st two digits significant figures, 3rd digit number of zeros.)
(3) Tolerance: M = ±20%, K= ±10%, J= ±5%
(4) Voltage
(5) Sleeve: 0= No sleeve, 1= Polyester, 2= Polyimide
(6) Case code: 1= T1, 2=T2, 3=T3, 4=T4
(MIL Spec Parts)
Indicate the prefix M39006/22 followed by the appropriate MIL dash number. An example for a M39006/22 in a 100 µF,
±20% tolerance, 30 volts, M level, order as a
M39006/22H0113.
Note: Parts without sleeves will not meet the MIL requirements for marking permanency (resistance to solvents).
COMMERCIAL PARTS
TAT ±20%
Series/Cap tol
20 µF
Capacitance
125Vdc
Voltage
00853
Cage
Number
0335875
Date Code by year week,
Lot Code
+ Indicates polarity
MIL PARTS
M39006
Series
22HXXXX
Dash Number
J 000853
Jan/Cage Number
100 µF
Capacitance
30 Vdc
Voltage
0335
Date
Code
(Expressed by year–week)
875
Lot
Code
+ Indicates polarity
Part Markings


Similar Part No. - TAT187J01012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT187J01012 ETC2-TAT187J01012 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT187J01012

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com