Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUJ-100B-502 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # MUJ-100B-502
Description  ISDN SO Miniature SMD Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

MUJ-100B-502 Datasheet(HTML) 1 Page - Nuvotem Talema

  MUJ-100B-502 Datasheet HTML 1Page - Nuvotem Talema MUJ-100B-502 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(07-07) Communications\ISDN\MUJ
Electrical Specifications @ 25°C
Turns Ratio:
Bold = IC side windings
ISDN S
O Miniature SMD Interface Modules
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Surface Coplanarity will be 0.004 (0.10)
MUJ Miniature Module
Suggested
Pad Layout
Test Conditions:
Polarity and Turns Ratio: ±1%
Inductance: 25mH minimum, line side windings in series @ 10kHz, 100mV
Leakage Inductance: Line side windings in series, IC side windings short circuited - measurement @ 100kHz, 100mV
Coupling capacitance: IC side windings in series to Line side windings in series @ 10kHz, 100mV
Common Mode Choke Inductance: 100kHz, 20mV
Test Voltage: 1.5kV for 2 Sec. - Line side windings in series to IC side windings in series
Standard Packaging: Tape and Reel
0.079
(2.00)
0.394
(10.60)
0.031
(0.80)
0.050
(1.27)
0.350
(8.89)
Schematic
(Without Choke)
A
IC
Line
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A
IC
Line
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Schematics - With Choke
B
IC
Line
10
9
11
15
16
14
5
12
4
3
13
6
7
8
1
2
d
n
a
0
5
9
1
L
U
,
0
5
9
0
6
N
E
l
e
v
e
L
n
o
i
t
a
l
u
s
n
I
l
a
n
o
i
t
c
n
u
F
h
t
i
w
y
l
p
m
o
c
s
e
l
u
d
o
M
D
M
S
p
i
h
C
e
r
u
t
a
i
n
i
M
9
5
4
1
L
U
r
e
b
m
u
N
t
r
a
P
LP
)
n
i
M
H
m
(
s
n
r
u
T
o
i
t
a
R
LL
)
x
a
M
H
μ
(
CC
)
x
a
M
F
p
(
R U
C P
)
s
m
h
O
(
R U
C S
)
s
m
h
O
(
VP
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
X
X
X
-
B
r
o
A
0
0
1
-
J
U
M
5
2
:
1
:
1
1
:
1
5
0
5
7
.
2
3
.
3
0
0
5
1
B
r
o
A
X
X
X
-
B
r
o
A
3
0
1
-
J
U
M5
2:
1
:
1
2
:
2
50
57
.
34
.
80
0
5
1B
r
o
A
X
X
X
-
B
r
o
A
5
0
1
-
J
U
M
5
2
:
1
:
1
5
.
2
:
5
.
2
5
0
5
2
.
5
5
.
0
1
0
0
5
1
B
r
o
A
e
k
o
h
C
e
d
o
M
n
o
m
m
o
C
x
i
f
f
u
S
+
N
/
P
c
i
s
a
B
LN
)
H
μ
(
R U
C
)
s
m
h
O
(
x
i
f
f
u
S
+
N
/
P
c
i
s
a
B
R U
C
)
s
m
h
O
(
x
i
f
f
u
S
+
N
/
P
c
i
s
a
B
R U
C
)
s
m
h
O
(
0
0
0
-
A
0
0
1
-
J
U
M
e
k
o
h
C
o
N
0
0
0
-
A
3
0
1
-
J
U
M
e
k
o
h
C
o
N
0
0
0
-
A
5
0
1
-
J
U
M
e
k
o
h
C
o
N
0
0
5
-
B
r
o
A
0
0
1
-
J
U
M0
54
.
00
0
5
-
B
r
o
A
3
0
1
-
J
U
M5
.
00
0
5
-
B
r
o
A
5
0
1
-
J
U
M7
.
0
1
0
1
-
B
r
o
A
0
0
1
-
J
U
M
0
0
1
5
.
0
1
0
1
-
B
r
o
A
3
0
1
-
J
U
M
6
.
0
1
0
1
-
B
r
o
A
5
0
1
-
J
U
M
9
.
0
1
0
5
-
B
r
o
A
0
0
1
-
J
U
M0
0
54
.
01
0
5
-
B
r
o
A
3
0
1
-
J
U
M6
.
01
0
5
-
B
r
o
A
5
0
1
-
J
U
M8
.
0
2
0
5
-
B
r
o
A
0
0
1
-
J
U
M
0
0
0
5
8
.
0
2
0
5
-
B
r
o
A
3
0
1
-
J
U
M
9
.
0
2
0
5
-
B
r
o
A
5
0
1
-
J
U
M
5
.
1
Features
• excellent output characteristics ensure compliance with CCITT.I.430
pulse waveform template when used with recommended IC pairing
• SMD modules are designed for pick and place compatability
• excellent and consistent balance between windings
• modular design maximizes suppression effectivity and transmission
properties
• full compatibility with all common IC's
• manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2001 certified Talema facility
• fully RoHS compliant and meets lead free reflow level
J-STD-020C
• operating temperature: -40° to 85°C
• storage temperature: -40 to +125°C
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
0.378
(9.60)
0.504
(12.80)
0.350
(8.89)
0.077
(1.96)
0.346
(8.80)
0.189
(4.80)
0.236
(6.00)
Pins: 0.016x0.016
(0.40 x 0.40)
TALEMA IN
WK/YR
Part Number
USA: AlfaMag Electronics LLC | 945 Parkwood | PO Box 668 | Rolla, MO 65402
Phone: 1-800-413-6693 FAX: 1-364-5390 EMail: support@alfamag.com
http://www.alfamag.com


Similar Description - MUJ-100B-502

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
MSJ-400A TALEMA-MSJ-400A Datasheet
32Kb / 1P
   ISDN SO Compact SMD Interface Modules
20186 TALEMA-20186 Datasheet
34Kb / 1P
   ISDN-SO Miniature Interface Transformer
HVM-100C1-502 TALEMA-HVM-100C1-502 Datasheet
33Kb / 1P
   ISDN SO DIL Interface Modules
ISJ-100B TALEMA-ISJ-100B Datasheet
34Kb / 1P
   ISDN - SO Miniature Interface Transformer
SMJ-100B TALEMA-SMJ-100B Datasheet
54Kb / 2P
   ISDN - SO SMD Single Interface Transformers
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
   Miniature SMD Interface Modules
logo
Pulse A Technitrol Comp...
T5049NL PULSE-T5049NL Datasheet
278Kb / 4P
   ISDN S-INTERFACE MODULES
logo
Bothhand USA, LP.
S5049 BOTHHAND-S5049 Datasheet
27Kb / 1P
   ISDN S-INTERFACE MODULES
logo
Nuvotem Talema
ISF-100B1 TALEMA-ISF-100B1 Datasheet
44Kb / 1P
   ISDN SO DIL Style Through Hole Interface Transformers
logo
Bel Fuse Inc.
APC5568DS-5V BEL-APC5568DS-5V Datasheet
136Kb / 2P
   SMD ISDN S Interface Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com