Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPR122U050N2C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # VPR122U050N2C
Description  Radial Leaded Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR122U050N2C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  VPR122U050N2C Datasheet HTML 1Page - Cornell Dubilier Electronics VPR122U050N2C Datasheet HTML 2Page - Cornell Dubilier Electronics VPR122U050N2C Datasheet HTML 3Page - Cornell Dubilier Electronics VPR122U050N2C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Ratings
RoHS Compliant
Max ESR Max Ripple
Catalog
10 kHz
10 kHz
Size in. (mm)
Cap
Part Number
25 ºC
85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(A)
(D)
(L)
(S)
(d)
40 Vdc (50 Volts Surge)
160
VPR161U040E1A
0.171
1.200
0.512 (13.0) 1.024 (26.0)
0.20 (5.1)
0.023 (.58)
240
VPR241U040E1E
0.114
1.610
0.512 (13.0) 1.300 (33.0)
0.20 (5.1)
0.023 (.58)
360
VPR361U040E1L
0.091
2.050
0.512 (13.0) 1.654 (42.0)
0.20 (5.1)
0.023 (.58)
760
VPR761U040L1L
0.040
2.194
0.875 (22.2) 1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
1,600
VPR162U040N2C
0.021
3.755
1.000 (25.4) 2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
2,200
VPR222U040N2L
0.017
4.732
1.000 (25.4) 2.625 (66.7)
0.40 (10.2)
0.040 (1.0)
2,800
VPR282U040N3C
0.014
5.651
1.000 (25.4) 3.125 (79.4)
0.40 (10.2)
0.040 (1.0)
3,300
VPR332U040N3L
0.014
6.437
1.000 (25.4) 3.625 (92.1)
0.40 (10.2)
0.040 (1.0)
50 Vdc (65 Volts Surge)
110
VPR111U050E1A
0.317
0.880
0.512 (13.0) 1.024 (26.0)
0.20 (5.1)
0.023 (.58)
160
VPR161U050E1E
0.218
1.160
0.512 (13.0) 1.300 (33.0)
0.20 (5.1)
0.023 (.58)
250
VPR251U050E1L
0.139
1.660
0.512 (13.0) 1.654 (42.0)
0.20 (5.1)
0.023 (.58)
600
VPR601U050L1L
0.049
1.964
0.875 (22.2) 1.625 (41.3)
0.30 (7.6)
0.040 (1.0)
1200
VPR122U050N2C
0.028
3.297
1.000 (25.4) 2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
2,400
VPR242U050N3L
0.015
5.639
1.000 (25.4) 3.625 (92.1)
0.40 (10.2)
0.040 (1.0)
75 Vdc (95 Volts Surge)
62
VPR620U075E1A
0.489
0.710
0.512 (13.0) 1.024 (26.0)
0.20 (5.1)
0.023 (.58)
140
VPR141U075E1L
0.216
1.330
0.512 (13.0) 1.654 (42.0)
0.20 (5.1)
0.023 (.58)
450
VPR451U075N1L
0.102
1.779
1.000 (25.4) 1.625 (41.3)
0.40 (10.2)
0.040 (1.0)
680
VPR681U075N2C
0.069
2.420
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
1,100
VPR112U075N3C
0.044
3.577
1.000 (25.4) 3.125 (79.4)
0.40 (10.2)
0.040 (1.0)
100 Vdc (125 Volts Surge)
34
VPR340U100E1A
0.691
0.530
0.512 (13.0) 1.024 (26.0)
0.20 (5.1)
0.023 (.58)
78
VPR780U100E1L
0.301
1.010
0.512 (13.0) 1.654 (42.0)
0.20 (5.1)
0.023 (.58)
250
VPR251U100N1L
0.111
1.818
1.000 (25.4) 1.625 (41.3)
0.40 (10.2)
0.040 (1.0)


Similar Part No. - VPR122U050N2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR122U050N2C ETC2-VPR122U050N2C Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR122U050N2C CDE-VPR122U050N2C Datasheet
243Kb / 5P
   Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
More results

Similar Description - VPR122U050N2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com