Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPR103U016N3L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # VPR103U016N3L
Description  Radial Leaded Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR103U016N3L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  VPR103U016N3L Datasheet HTML 1Page - Cornell Dubilier Electronics VPR103U016N3L Datasheet HTML 2Page - Cornell Dubilier Electronics VPR103U016N3L Datasheet HTML 3Page - Cornell Dubilier Electronics VPR103U016N3L Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Type VPR is a radial leaded aluminum electrolytic
capacitor with a 105 ºC, 2000 hours long life ratings.
The VPR has 3 optional case styles with a third lead.
The low ESR rating makes it ideal for output filtering
in switching power supplies.
Highlights
105 ºC
Long life
Low ESR
High reliability
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Ripple Multipliers for Temperature:
QA Stability Test:
34 to 12,000 µF
6.3 to 100 Vdc (250 Vdc on special request)
–10% +75% (others on special request)
–55 ºC to +105 ºC
I = .002 CV after 2 minutes @ 25 ºC
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
Apply WVDC for 2000 h at 105 ºC
Capacitance change within 15% of initial limits
DC leakage current meets initial limits
ESR ≤ 150% of initial measured value
Temperature (ºC)
45
55
65
75
85
95
Multiplier
1.66
1.52
1.37
1.2
1
0.75
Part Numbering System
VPR
372
U
016
L2C
3
A
Capacitance
Rated
Insulating
Lead
Type Capacitance Tolerance
Voltage
Case Code
Sleeve
Configuration
(µF)
(%)
(Vdc)
VPR 100 = 10
U = –10 +75 6R3 = 6.3 See Case
0 = No sleeve
A = Standard
101 = 100
T = –10 +50
016 = 16 Code Chart
3 = PVC
B, J or T – see
372 = 3700
100 = 100
4 = Plastic sleeve
outline dimensions
5 = Plastic sleeve with end seal
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - VPR103U016N3L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR103U016N3L ETC2-VPR103U016N3L Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR103U016N3L CDE-VPR103U016N3L Datasheet
243Kb / 5P
   Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
More results

Similar Description - VPR103U016N3L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com