Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNL15W13K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # UNL15W13K-F
Description  ElectroFilm High Current Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

UNL15W13K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  UNL15W13K-F Datasheet HTML 1Page - Cornell Dubilier Electronics UNL15W13K-F Datasheet HTML 2Page - Cornell Dubilier Electronics UNL15W13K-F Datasheet HTML 3Page - Cornell Dubilier Electronics UNL15W13K-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type UNL ElectroFilm High Current Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Metallized Polypropylene Dielectric
Constructed using a low-loss polypropylene film, the UNL series of-
fers high ripple current capabilities and high capacitance values making
them ideal for electrolytic bank replacement and high ripple current
applications
Highlights / Applications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Insulation Resistance:
Dielectric Withstand:
4.7 µF to 100 µF
400 Vdc to 1500 Vdc
±10% standard
–55 ºC to +85ºC
≥ 10,000MΩ
1.25 x Rated Vdc 60s - Between Terminals
3000 Vac 60s - Terminals to Case
Specifications
Catalog
Part Number*
Cap
(µF)
Voltage
(Vdc)
D
Dia.
(mm)
H
Height
(mm)
ESR
@ 100 kHz
(mΩ)
dV/dt
(V/µs)
Peak
Current
(A)
Ripple Current @ 100 kHz
25 ºC
(Arms)
50 ºC
(Arms)
75 ºC
(Arms)
UNL4W30K-F
30.0
400
35
53.7
6.0
30
900
24.2
19.4
14.6
UNL4W80K-F
80.0
400
50
63
5.0
25
2000
35.0
28.0
14.3
UNL5W35K-F
35.0
500
35
53.7
8.0
26
910
22.0
18.2
13.0
UNL5W100K-F
100.0
500
50
63
6.0
22
2200
31.8
25.4
13.2
UNL6W30K-F
30.0
600
35
53.7
9.0
30
900
20.7
17.0
12.0
UNL6W80K-F
80.0
600
50
63
6.5
25
2000
30.5
24.4
12.6
UNL7W20K-F
20.0
750
35
53.7
10.0
37
740
19.0
16.0
9.9
UNL7W50K-F
50.0
750
50
63
7.0
30
1500
29.4
23.5
12.0
UNL8W15K-F
15.0
800
35
53.7
10.0
42
630
18.8
15.0
9.8
UNL8W40K-F
40.0
800
50
63
7.5
35
1400
28.4
22.8
11.7
UNL9W13P5K-F
13.5
900
35
53.7
10.5
43
580
18.0
14.5
9.6
UNL9W35K-F
35.0
900
50
63
8.0
36
1260
27.5
22.0
11.3
UNL10W10K-F
10.0
1000
35
53.7
12.0
50
500
17.5
13.7
9.0
UNL10W25K-F
25.0
1000
50
63
8.5
40
1000
26.7
21.4
11.0
UNL12W7P5K-F
7.5
1200
35
53.7
13.5
60
450
16.0
12.0
8.4
UNL12W20K-F
20.0
1200
50
63
9.0
50
1000
26.0
20.7
10.7
UNL15W4P7K-F
4.7
1500
35
53.7
15.0
72
338
15.0
11.5
7.8
UNL15W13K-F
13.0
1500
50
63
10.0
60
780
24.6
19.7
10.1
Ratings
Additional values available upon request.
Advantages over Electrolytics
Typical Applications
- High Voltage Inverters
- DC Bus Link
- DC Filtering
- Exceptionally low ESR
- Up to 10 times the ripple current
- Non-polar
- Higher voltage ratings
- Dry construction - no electrolyte
- Improved reliability
*Add ‘S’ after ‘K’ for short pins


Similar Part No. - UNL15W13K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UNL15W13K-F ETC2-UNL15W13K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
Cornell Dubilier Electr...
UNL15W13K-F CDE-UNL15W13K-F Datasheet
212Kb / 4P
   High Capacitance, High Current, Board Mount
More results

Similar Description - UNL15W13K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UNL4W30K-F ETC2-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H AVX-W2H Datasheet
91Kb / 4P
   High Current Feedthry Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com