Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT277K00612 Datasheet(PDF) 11 Page - Cornell Dubilier Electronics

Part # TAT277K00612
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT277K00612 Datasheet(HTML) 11 Page - Cornell Dubilier Electronics

Back Button TAT277K00612 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 10Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 11Page - Cornell Dubilier Electronics TAT277K00612 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Dielectric withstanding voltage
MIL-STD-202 – Method 301, 2000 VDC minimum
Insulation Resistance (IR): MIL-STD-202 – Method 302, condition B
100 Megohms minimum
Low temperature storage: MIL-STD-810 – Method 502
DCL and DF: Initial requirements
∆Cap within ±5% of initial measurement
Low and high temperature stability: –55°C to +125°C.
Measure capacitors for thermal stability by testing at these temperatures in this order: +25°C, –55°C, +25°C, +85°C,
+125°C, and +25°C. Measure Capacitance and DF at the temperatures listed below with the exception of the DCL, which is
not measured at –55°C.
Step 1 (+25°C)
DCL and DF: See standard ratings table
∆Cap: Within tolerance of standard ratings table
Step 2 (–55°C)
Impedance and ∆Cap: See standard ratings table
Step 3 (+25°C)
DCL and DF: See standard ratings table
∆Cap: Within ±5% of step one value
Step 4 (+85°C)
∆Cap, DCL, and DF: See standard ratings table
Step 5 (+125°C)
∆Cap, DCL, and DF: See standard ratings table
Step 6 (+25°C)
DCL and DF: See standard ratings table
∆Cap: Within ±5% of step one value
Resistance to Soldering Heat: MIL-STD-202- Method 210, condition C
DCL and DF: See standard ratings table
∆Cap: Within ±5% of initial measurement
Life test at 85°C/125°C, 2000 hours: MIL-STD-202 – Method 108
DCL and DF: See standard ratings table
∆Cap: Within ±10% of initial measurement
Cross Reference
Cornell Dubilier
Type
Series
MIL Type
Kemet
Sprague
Tansitor
Mallory
Arcotronics
Typical ESR, C,V
TAT
M39006/22
T192
135D
AQ/HAQ
THT/TLX
TH
Extended Range
TAX
M39006/25
T195
135D
AR/HAR
THT/TLX
TH
These capacitor types are not exactly the same. Review the specifications before purchase to assure interchangeability


Similar Part No. - TAT277K00612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT277K01513 ETC2-TAT277K01513 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT277K00612

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com