Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF2222A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF2222A
Description  SMALL SIGNAL NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2222A Datasheet(HTML) 5 Page - STMicroelectronics

  STF2222A Datasheet HTML 1Page - STMicroelectronics STF2222A Datasheet HTML 2Page - STMicroelectronics STF2222A Datasheet HTML 3Page - STMicroelectronics STF2222A Datasheet HTML 4Page - STMicroelectronics STF2222A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2003 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
STF2222A
5/5


Similar Part No. - STF2222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
   N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
September 2020 Rev 2
STF22N60M6 STMICROELECTRONICS-STF22N60M6 Datasheet
453Kb / 13P
   N-channel 600 V, 196 m typ., 15 A, MDmeshTM M6 Power MOSFET in a TO-220FP package
November 2018 Rev 1
STF22NM60 STMICROELECTRONICS-STF22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STF22NM60N STMICROELECTRONICS-STF22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
logo
Inchange Semiconductor ...
STF22NM60N ISC-STF22NM60N Datasheet
290Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STF2222A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com