Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202R29N1R0JV4E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 202R29N1R0JV4E
Description  HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202R29N1R0JV4E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  202R29N1R0JV4E Datasheet HTML 1Page - List of Unclassifed Manufacturers 202R29N1R0JV4E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
www.johanson dielectrics.com
Mechanical Characteristics
Available Capacitance
ELECTRICAL CHARACTERISTICS
Meets the standard NPO & X7R dielectric specifications listed on page 20
Dielectric Withstanding Voltage
DWV = 1.5 X rated WVDC for ratings ≤ 500 WVDC,
DWV = 1.2 X rated WVDC for ratings ≥ 1,000 WVDC
NOTE: Capacitors may require a surface coating to prevent external arcing.
HOW TO ORDER
Part number written:
202R29N101KV4E
MARKING
4 = Unmarked
6 = EIA Code*
TAPE MODIFIER
Code
Tape
Reel
E
Embossed
7”
U
Embossed
13”
T
Paper
7”
R
Paper
13”
Tape specs. per EIA RS481
E
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
V
DIELECTRIC
N = NPO/COG
W = X7R
N
CASE SIZE
See Chart
R29
VOLTAGE
501 =
500 V
631 =
630 V
102 = 1000 V
202 = 2000 V
302 = 3000 V
402 = 4000 V
502 = 5000 V
202
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
1R0 = 1.0 pF
101 = 100 pF
101
TOLERANCE
NPO: J
= ± 5%
K = ± 10%
X7R: K = ± 10%
M = ± 20%
K
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
L
W
T
E/B
Available capacitance values include the following significant retma values and their multiples: 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 (
1.0 = 1.0, 10, 100, 1000, etc.) Consult factory for non-retma values and sizes or voltages not shown.
Rated
Voltage
NPO Dielectric
X7R Dielectric
Minimum
Maximum
Minimum
Maximum
S43 / 1812
250 VDC
-
-
0.010 µF
0.220 uF
Inches
(mm)
500 VDC
100 pF
8200 pF
1000 pF
0.150 uF
L
.180 ±.010
(4.57 ±.25)
630 VDC
100 pF
6800 pF
1000 pF
0.100 µF
W
.125 ±.010
(3.17 ±.25)
1000 VDC
10 pF
5600 pF
1000 pF
0.056 µF
T
.110 Max.
(2.80)
2000 VDC
10 pF
1800 pF
100 pF
0.012 µF
E/B
.025 ±.015
(0.64±.38)
3000 VDC
10 pF
1000 pF
100 pF
4700 pF
4000 VDC
10 pF
390 pF
10 pF
1500 pF
5000 VDC
10 pF
150 pF
10 pF
680 pF
S49 / 1825
500 VDC
100 pF
0.018 µF
0.01 µF
0.330 µF
Inches
(mm)
630 VDC
100 pF
0.015 µF
0.01 µF
0.220 µF
L
.180 ±.010
(4.57 ±.25)
1000 VDC
10 pF
0.012 µF
1000 pF
0.100 µF
W
.250 ±.010
(6.35 ±.25)
2000 VDC
10 pF
5600 pF
100 pF
0.022 µF
T
.140 Max.
(3.56)
3000 VDC
10 pF
2200 pF
100 pF
8200 pF
E/B
.025 ±.015
(0.64±.38)
4000 VDC
10 pF
1200 pF
100 pF
2000 pF
5000 VDC
10 pF
390 pF
100 pF
820 pF
S47 / 2220
500 VDC
1000 pF
0.018 µF
0.01 µF
0.330 µF
Inches
(mm)
630 VDC
1000 pF
0.018 µF
0.01 µF
0.270 µF
L
.225 ±.015
(5.72 ±.38)
1000 VDC
100 pF
0.015 µF
1000 pF
0.180 µF
W
.200 ±.015
(5.08 ±.38)
2000 VDC
100 pF
5600 pF
1000 pF
0.027 µF
T
.150 Max.
(3.81)
3000 VDC
10 pF
2700 pF
100 pF
0.010 µF
E/B
.025 ±.015
(0.64±.38)
4000 VDC
10 pF
1500 pF
100 pF
2200 pF
5000 VDC
10 pF
470 pF
100 pF
1500 pF
S48 / 2225
500 VDC
1000 pF
0.027 µF
0.01 µF
0.470 µF
Inches
(mm)
630 VDC
1000 pF
0.022 µF
0.01 µF
0.330 µF
L
.225 ±.010
(5.72 ±.25)
1000 VDC
100 pF
0.018 µF
1000 pF
0.150 µF
W
.255 ±.015
(6.48 ±.38)
2000 VDC
100 pF
8200 pF
1000 pF
0.039 µF
T
.150 Max.
(3.81)
3000 VDC
10 pF
3300 pF
100 pF
0.015 µF
E/B
.025 ±.015
(0.64±.38)
4000 VDC
10 pF
1800 pF
100 pF
5600 pF
5000 VDC
10 pF
680 pF
100 pF
1500 pF


Similar Part No. - 202R29N1R0JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
202R29N1R0JV4E JOHANSON-202R29N1R0JV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
202R29N1R0JV4E JOHANSON-202R29N1R0JV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 202R29N1R0JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
302S43W332KV4E JOHANSON-302S43W332KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
302R29W102KV4E JOHANSON-302R29W102KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
102S41W103KV4E JOHANSON-102S41W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
S-1KV JOHANSON-S-1KV Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W103KV4E JOHANSON-501R18W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
101S41 JOHANSON-101S41 Datasheet
130Kb / 4P
   SURFACE MOUNT MLCCS 16 - 200 VDC
201R14W102MV4T JOHANSON-201R14W102MV4T Datasheet
130Kb / 4P
   SURFACE MOUNT MLCCS 16 - 200 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com