Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPR881U6R3E1A Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # VPR881U6R3E1A
Description  Radial Leaded Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR881U6R3E1A Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  VPR881U6R3E1A Datasheet HTML 1Page - Cornell Dubilier Electronics VPR881U6R3E1A Datasheet HTML 2Page - Cornell Dubilier Electronics VPR881U6R3E1A Datasheet HTML 3Page - Cornell Dubilier Electronics VPR881U6R3E1A Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Ratings
Max ESR Max Ripple
Catalog
10 kHz
10 kHz
Size in. (mm)
Cap
Part Number
25 ºC
85 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(A)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
880
VPR881U6R3E1A
0.121
1.430
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
5,600
VPR562U6R3N1L
0.034
3.767
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
8,800
VPR882U6R3N2C
0.023
5.131
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
12,000
VPR123U6R3N2L
0.018
6.364
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
7.5 Vdc (10 Volts Surge)
780
VPR781U7R5E1A
0.117
1.450
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
1,700
VPR172U7R5E1A
0.057
2.590
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
4,900
VPR492U7R5N1L
0.031
3.820
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
10 Vdc (13 Volts Surge)
660
VPR661U010E1A
0.115
1.470
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
990
VPR991U010E1E
0.076
1.970
0.512 (13.0)
1.300 (33.0) 0.20 (5.1)
0.023 (.58)
4,200
VPR422U010N1L
0.032
3.702
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
12 Vdc (18 Volts Surge)
1,200
VPR122U012E1L
0.055
2.640
0.512 (13.0)
1.654 (42.0) 0.20 (5.1)
0.023 (.58)
5,600
VPR562U012N2C
0.021
4.932
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
16 Vdc (20 Volts Surge)
500
VPR501U016E1A
0.110
1.500
0.512 (13.0)
1.024 (26.0) 0.20 (5.1)
0.023 (.58)
2,300
VPR232U016L1L
0.040
2.863
0.875 (22.2)
1.625 (41.3) 0.30 (7.6)
0.040 (1.0)
3,200
VPR322U016N1L
0.029
3.637
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
3,700
VPR372U016L2C
0.026
3.981
0.875 (22.2)
2.125 ((54.0) 0.30 (7.6)
0.040 (1.0)
5,000
VPR502U016N2C
0.020
4.887
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
6,900
VPR692U016N2L
0.017
6.105
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
10,000
VPR103U016N3L
0.012
8.033
1.000 (25.4)
3.625 (92.1) 0.40 (10.2)
0.040 (1.0)
25 Vdc (30 Volts Surge)
640
VPR641U025E1L
0.067
2.390
0.512 (13.0)
1.654 (42.0) 0.20 (5.1)
0.023 (.58)
1,300
VPR132U025L1L
0.035
2.729
0.875 (22.2)
1.625 (41.3) 0.30 (7.6)
0.040 (1.0)
1,800
VPR182U025N1L
0.035
3.006
1.000 (25.4)
1.625 (41.3) 0.40 (10.2)
0.040 (1.0)
2,800
VPR282U025L2L
0.018
4.732
0.875 (22.2)
2.625 (66.7) 0.30 (7.6)
0.040 (1.0)
2,800
VPR282U025N2C
0.023
4.107
1.000 (25.4)
2.125 ((54.0) 0.40 (10.2)
0.040 (1.0)
3,900
VPR392U025N2L
0.018
5.191
1.000 (25.4)
2.625 (66.7) 0.40 (10.2)
0.040 (1.0)
5,900
VPR592U025N3L
0.014
6.616
1.000 (25.4)
3.625 (92.1) 0.40 (10.2)
0.040 (1.0)


Similar Part No. - VPR881U6R3E1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
More results

Similar Description - VPR881U6R3E1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com