Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR60A Datasheet(PDF) 4 Page - SunLED Corporation

Part # AUR60A
Description  56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AUR60A Datasheet(HTML) 4 Page - SunLED Corporation

  AUR60A Datasheet HTML 1Page - SunLED Corporation AUR60A Datasheet HTML 2Page - SunLED Corporation AUR60A Datasheet HTML 3Page - SunLED Corporation AUR60A Datasheet HTML 4Page - SunLED Corporation AUR60A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : MAR 17,2008
Drawing No : SDSA2358
V3
Checked : Shin Chi
P.4/5
Part Number:
AUR60A
56.8mm (2.3 ") 16 SEGMENT SINGLE DIGIT
ALPHANUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - AUR60A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUR60C SUNLED-AUR60C Datasheet
240Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - AUR60A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUG60A SUNLED-AUG60A Datasheet
225Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR60A SUNLED-AMR60A Datasheet
226Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG60C SUNLED-AUG60C Datasheet
225Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY60A SUNLED-AUY60A Datasheet
238Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUR60C SUNLED-AUR60C Datasheet
240Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR60C SUNLED-AMR60C Datasheet
227Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY60C SUNLED-AUY60C Datasheet
239Kb / 5P
   56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Kingbright Corporation
PSC23-11GWA KINGBRIGHT-PSC23-11GWA Datasheet
237Kb / 6P
   56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC23-11EWA KINGBRIGHT-PSC23-11EWA Datasheet
240Kb / 6P
   56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA23-11YWA KINGBRIGHT-PSA23-11YWA Datasheet
238Kb / 6P
   56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com