Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWF3-103G3380 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CWF3-103G3380
Description  Precision NTC Thermistor Probes for Temperature Measurement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CWF3-103G3380 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CWF3-103G3380 Datasheet HTML 1Page - List of Unclassifed Manufacturers CWF3-103G3380 Datasheet HTML 2Page - List of Unclassifed Manufacturers CWF3-103G3380 Datasheet HTML 3Page - List of Unclassifed Manufacturers CWF3-103G3380 Datasheet HTML 4Page - List of Unclassifed Manufacturers CWF3-103G3380 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
The CWF series NTC Thermistors
are supplied in 5 basic styles of
enclosures designed to facilitate
installation in a wide variety of
applications. PVC leads are applied
to a precision, high-reliability NTC
thermistor, insulated with heat
conductive water resistant materials
and potted into any of a wide variety
of probe bodies. CWF thermistors
are also available with custom
housings or custom lead lengths for
remote sensing and temperature
control in difficult conditions.
CWF Precision NTC Thermistor Probes
for Temperature Measurement
2006/Mar
Application
• Heating, Ventilation & Air Conditioning
• Temperature Regulation and Measurement
• Automotive Electronics
• Water Heaters
• Household Appliances such as refrigerators, water coolers, dishwashers and many others
Characteristics
• Wide variety of installation fixtures and probes are available to suit your needs.
• Small size and fast response (temperature coefficient of resistance can reach- (2~5%/°C)
• Long-term Stability and Reliability (yearly drift of ≤1%)
• Excellent Tolerance and Interchangeability (the accuracy of R and B value can be ±1%)
• Double layer packaging provides excellent insulation and high strength and impact resistance.
• Dissipation Constant type 1 package ≥2.0mW/°C, type 2 package ≥4.0mW/°C
• Time Constant of ≤15S to 70S


Similar Part No. - CWF3-103G3380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3270 ETC2-CWF3270 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3380 ETC2-CWF3380 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3470 ETC2-CWF3470 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3600 ETC2-CWF3600 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
More results

Similar Description - CWF3-103G3380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
   MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
   MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
   Temperature measurement miniature transmitter for external probes
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com