Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLLG540 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TLLG540
Description  Low Current LED in 5 mm Tinted Diffused Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLLG540 Datasheet(HTML) 2 Page - STMicroelectronics

  TLLG540 Datasheet HTML 1Page - STMicroelectronics TLLG540 Datasheet HTML 2Page - STMicroelectronics TLLG540 Datasheet HTML 3Page - STMicroelectronics TLLG540 Datasheet HTML 4Page - STMicroelectronics TLLG540 Datasheet HTML 5Page - STMicroelectronics TLLG540 Datasheet HTML 6Page - STMicroelectronics TLLG540 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLL.540.
Vishay Telefunken
2 (7)
Rev. A2, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83030
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLLR540. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLR5400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLR5401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
612
625
nm
Peak wavelength
IF = 2 mA
lp
635
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
1.9
2.4
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Yellow (TLLY540. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLY5400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLY5401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
581
594
nm
Peak wavelength
IF = 2 mA
lp
585
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
2.4
2.9
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Green (TLLG540. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLG5400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLG5401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
562
575
nm
Peak wavelength
IF = 2 mA
lp
565
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
1.9
2.4
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TLLG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
TLLG540 VISHAY-TLLG540 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLLG540 VISHAY-TLLG540 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLLG540. VISHAY-TLLG540. Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG5400 VISHAY-TLLG5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
More results

Similar Description - TLLG540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLLG540 VISHAY-TLLG540_V01 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLLR440 VISHAY-TLLR440 Datasheet
94Kb / 7P
   Low Current LED in 짰3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR540 VISHAY-TLLR540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com