Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWF3-103F3380 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CWF3-103F3380
Description  Precision NTC Thermistor Probes for Temperature Measurement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CWF3-103F3380 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CWF3-103F3380 Datasheet HTML 1Page - List of Unclassifed Manufacturers CWF3-103F3380 Datasheet HTML 2Page - List of Unclassifed Manufacturers CWF3-103F3380 Datasheet HTML 3Page - List of Unclassifed Manufacturers CWF3-103F3380 Datasheet HTML 4Page - List of Unclassifed Manufacturers CWF3-103F3380 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
Main Techno-Parameter
Specification
① NTC Temp sensor
② Package Option
 1- Dipped ethoxyline resin
 2- Aluminum,copper, or stainless steel housing
 3- Plastic body
 4- Sheet metal attachment fixtures
 5- Special probes
③ The Rated Resistance at 25ºC
  Example:103=10×103=10000Ω=10KΩ
④ The Precision Symbol of Rated Resistance
  F:±1% G:±2% H:±3% J:±5%
⑤ B value(25/50℃)B value example: 3380K


Similar Part No. - CWF3-103F3380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3270 ETC2-CWF3270 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3380 ETC2-CWF3380 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3470 ETC2-CWF3470 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
CWF3600 ETC2-CWF3600 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
More results

Similar Description - CWF3-103F3380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
   MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
   MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
   Temperature measurement miniature transmitter for external probes
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com