Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # C515
Description  8-Bit CMOS Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button C515 Datasheet HTML 7Page - Siemens Semiconductor Group C515 Datasheet HTML 8Page - Siemens Semiconductor Group C515 Datasheet HTML 9Page - Siemens Semiconductor Group C515 Datasheet HTML 10Page - Siemens Semiconductor Group C515 Datasheet HTML 11Page - Siemens Semiconductor Group C515 Datasheet HTML 12Page - Siemens Semiconductor Group C515 Datasheet HTML 13Page - Siemens Semiconductor Group C515 Datasheet HTML 14Page - Siemens Semiconductor Group C515 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
Semiconductor Group
1-5
Introduction
C515
Figure 1-4
Pin Configuration of P-MQFP-80-1 Package (top view)
N.C. pins must not be connected
MCP03200
12 345 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
P4.7
P4.6
P4.5
P4.4
P4.3
PE/SWD
P4.2
P4.1
P4.0
N.C.
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P3.6/WR
P3.7/RD
P1.7/T2
P1.6/CLKOUT
P1.5/T2EX
P1.4/INT2
P1.3/INT6/CC3
P1.2/INT5/CC2
P1.1/INT4/CC1
P1.0/INT3/CC0
XTAL2
XTAL1
P2.0/A8
P2.1/A9
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40
61
P5.6
SS
V
CC
V
P2.2/A10
C515
N.C.
V
CC
N.C.
N.C.
N.C.
N.C.


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
   PCB & Small Dimension Fuses
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com