Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24115RHLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24115RHLR
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24115RHLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24115RHLR Datasheet HTML 7Page - Texas Instruments BQ24115RHLR Datasheet HTML 8Page - Texas Instruments BQ24115RHLR Datasheet HTML 9Page - Texas Instruments BQ24115RHLR Datasheet HTML 10Page - Texas Instruments BQ24115RHLR Datasheet HTML 11Page - Texas Instruments BQ24115RHLR Datasheet HTML 12Page - Texas Instruments BQ24115RHLR Datasheet HTML 13Page - Texas Instruments BQ24115RHLR Datasheet HTML 14Page - Texas Instruments BQ24115RHLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
11
www.ti.com
APPLICATION INFORMATION
Battery
Detect?
TS Pin
in LTF to HTF
Range?
Indicate CHARGE
SUSPEND
No
V
BAT<VLOWV
Yes
No
V
BAT<VLOWV
T30min
Expired?
No
Yes
Indicate Fault
Battery
Replaced?
(Vbat < Vrch?)
Yes
No
Yes
FSTCHG Timer
Expired?
No
Suspend Charge
Indicate Charge−
In−Progress
Regulate
I
PRECHG
Indicate Charge−
In−Progress
Regulate
Current or Voltage
Indicate BATTERY
ABSENT
Check for Battery
Presence
No
Reset and Start
T30min timer
TS pin
in LTF to TCO
range?
Indicate CHARGE
SUSPEND
No
Suspend Charge
POR
Yes
Yes
Reset and Start
FSTCHG timer
TS Pin
in LTF to TCO
Range?
I
TERM detection?
Yes
Yes
V
BAT < VRCH?
No
Indicate DONE
Charge Complete
Yes
V
BAT<VLOWV
No
No
− Fault Condition
− Enable I
DETECT
No
Yes
Yes
TS pin
in LTF to HTF
range?
No
TS pin
in LTF to HTF
range?
Indicate CHARGE
SUSPEND
Suspend Charge
No
No
Indicate Charge−
In−Progress
− Turn Off Charge
− Enable I
DISCHG for
t
DISCHG2
Indicate BATTERY
ABSENT
Battery Removed
Yes
Yes
Yes
*
*NOTE: If the TTC pin is
pulled low, the safety timer
and termination are
disabled; the charger
continues to regulate, and
the STAT pins indicate
charge in progress.
If the TTC pin is pulled high
(VTSB), only the safety
timer is disabled
(termination is normal).
Figure 4. Stand-Alone Version Operational Flow Chart


Similar Part No. - BQ24115RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24115RHLR TI-BQ24115RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24115RHLR TI-BQ24115RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24115RHLR TI1-BQ24115RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24115RHLR TI1-BQ24115RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24115RHLRG4 TI-BQ24115RHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com