Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24105RHLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24105RHLR
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24105RHLR Datasheet(HTML) 2 Page - Texas Instruments

  BQ24105RHLR Datasheet HTML 1Page - Texas Instruments BQ24105RHLR Datasheet HTML 2Page - Texas Instruments BQ24105RHLR Datasheet HTML 3Page - Texas Instruments BQ24105RHLR Datasheet HTML 4Page - Texas Instruments BQ24105RHLR Datasheet HTML 5Page - Texas Instruments BQ24105RHLR Datasheet HTML 6Page - Texas Instruments BQ24105RHLR Datasheet HTML 7Page - Texas Instruments BQ24105RHLR Datasheet HTML 8Page - Texas Instruments BQ24105RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates. PowerPAD should act as the star ground between
PGND and VSS. See Layout section for more details.
TYPICAL SINGLE CELL Li-ION STAND-ALONE CHARGER
UDG−04033
4IN
6 VCC
19 STAT2
10 VSS
20
OUT
18
PGND
15
SNS
8
ISET1
bq24100RHL
9
12
7
16
1
3
OUT
ISET2
TS
TTC
IN
2STAT1
5
TEMP
PACK+
PACK−
+
BATTERY
PACK
17
PGND
14
BAT
11
VTSB
VIN
10 µF
COUT
10 µF
LOUT
10 µH
R(SNS)
RT1
RT2
0.1 µF
R(ISET1)
R(ISET2)
CTTC
VIN
VIN
VIN
D1
Adapter
Present
VTSB
D2
Done
D3
Charge
PG
CE
PWR PAD
ORDERING INFORMATION
TJ
CHARGE REGULATION VOLTAGE (V)
INTENDED APPLICATION
PART NUMBER(1)(2)
MARKINGS
4.2
Stand-alone
bq24100RHLR
CIA
−40°C to 125°C
1 or 2 cells selectable (CELLS pin 4.2 or 8.4 V)
Stand-alone
bq24103RHLR
CID
40 C to 125 C
Externally programmable (2.1 to 15.5 V)
Stand-alone
bq24105RHLR
CIF
4.2 (Blinking status pins)
Stand-alone
bq24108RHLR
CIU
1 or 2 cells selectable (CELLS pin 4.2 or 8.4 V)
System-controlled
bq24113RHLR
CIJ
Externally programmable (2.1 to 15.5 V)
System-controlled
bq24115RHLR
CIL
(1) The RHL package is available taped and reeled only. Quantities are 3,000 devices per reel.
(2) This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for use
in specified lead-free soldering processes.


Similar Part No. - BQ24105RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24105RHLR TI-BQ24105RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24105RHLR TI-BQ24105RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105RHLR TI1-BQ24105RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24105RHLR TI1-BQ24105RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24105RHLRG4 TI-BQ24105RHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com