Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505A Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # C505A
Description  8-Bit CMOS Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505A Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  C505A Datasheet HTML 1Page - Siemens Semiconductor Group C505A Datasheet HTML 2Page - Siemens Semiconductor Group C505A Datasheet HTML 3Page - Siemens Semiconductor Group C505A Datasheet HTML 4Page - Siemens Semiconductor Group C505A Datasheet HTML 5Page - Siemens Semiconductor Group C505A Datasheet HTML 6Page - Siemens Semiconductor Group C505A Datasheet HTML 7Page - Siemens Semiconductor Group C505A Datasheet HTML 8Page - Siemens Semiconductor Group C505A Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Introduction
C505A
Semiconductor Group
1-2
Listed below is a summary of the main features of the C505A family:
Fully compatible to standard 8051 microcontroller
Superset of the 8051 architecture with 8 datapointers
Up to 20 MHz operating frequency
– 375 ns instruction cycle time @ 16 MHz
– 300 ns instruction cycle time @ 20 MHz (50 % duty cycle)
32K byte on-chip OTP memory
– C505A-4E : programmable OTP versions
– C505A-L
: without on-chip program memory
– alternatively up to 64 K bytes of external program memory
256 byte on-chip RAM
1 K byte on-chip XRAM
Five ports: 32 + 2 digital I/O lines(Port 1 with mixed analog/digital I/O capability)
Three 16-bit timers/counters
– Timer 0 / 1 (C501 compatible)
– Timer 2 with 4 channels for 16-bit capture/compare operation
Full CAN Module (C505CA only)
– 256 register/data bytes located in external data memory area
– 1 MBaud CAN baudrate when operating frequency is equal to or above 8 MHz
– internal CAN clock prescaler when input frequency is over 10 MHz
Full duplex serial interface with programmable baudrate generator (USART)
10-bit A/D Converter with 8 multiplexed inputs
– Built-in self calibration
Twelve interrupt sources with four priority levels
On-chip emulation support logic
–Enhanced Hooks Technology TM 1)
Programmable 15-bit Watchdog Timer
Oscillator Watchdog
Fast Power On Reset
Power Saving Modes
– Slow-down mode
– Idle mode (can be combined with slow-down mode)
– Software power-down mode with wake up capability through P3.2/INT0 or P4.1/RXDC pin
P-MQFP-44 package
Pin configuration is compatible to C501, C504, C511/C513-family, C505, C505C
Temperature ranges:
SAB-C505A versions
TA = 0 to 70 °C
SAF-C505A versions
TA = – 40 to 85°C
SAH-C505A versions
TA = – 40 to 110°C (max. operating frequency: TBD)
SAK-C505A versions
TA = –40 to 125°C (max. operating frequency: 12 MHz
with 50 % duty cycle)
1 “Enhanced Hooks Technology“ is a trademark and patent of Metalink Corporation licensed to Siemens.


Similar Part No. - C505A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505A INFINEON-C505A Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
C505A-2R INFINEON-C505A-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
C505A-4E INFINEON-C505A-4E Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
logo
Siemens Semiconductor G...
C505A-4EM SIEMENS-C505A-4EM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C505A-4R INFINEON-C505A-4R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com