Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C323-FCG Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS80C323-FCG
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C323-FCG Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS80C323-FCG Datasheet HTML 1Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 2Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 3Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 4Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 5Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 6Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 7Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 8Page - Dallas Semiconductor DS80C323-FCG Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 175 page
background image
High-Speed Microcontroller User’s Guide
5 of 175
POWER MONITOR
Some members of the High-Speed Microcontroller family incorporate a band-gap reference and analog
circuitry to monitor the power supply conditions. VCC begins to drop out of tolerance, the Power Monitor
will issue an optional early warning Power-fail interrupt. If power continues to fall, the Power Monitor
will invoke a reset condition. This will remain until power returns to normal operating voltage. The
Power Monitor also functions on power-up, holding the microcontroller in a reset state until power is
stable.
INTERRUPTS
The High-Speed Microcontroller is capable of evaluating a number of interrupt sources simultaneously.
Each version of the High-Speed Microcontroller provides a different number of interrupt sources. Each
interrupt has an associated interrupt vector, flag, priority, and enable. These interrupts can be globally
enabled or disabled.
TIMING CONTROL
The High-Speed Microcontroller provides an on-chip oscillator for use with an external crystal. This can
be bypassed by injecting a clock source into the XTAL 1 pin. The clock source is used to create machine
cycle timing (four clocks), ALE, PSEN , Watchdog, Timer, and serial baud rate timing. In addition, some
devices incorporate an on-chip ring oscillator which can be used to provide an approximately 2-4 MHz
clock source.
REAL-TIME CLOCK
The DS87C530 incorporates a real-time clock (RTC), which is accessed via SFR locations. The RTC is
divided into hour, minute, second, and subsecond registers, and also incorporates a 65536 day calendar.
Alarm registers allow the RTC to issue interrupts at a specific time once a day, or as a recurring alarm
every hour, minute or second. An external watch crystal and lithium power source allow the processor to
maintain timekeeping in the absence of VCC.
FEATURE SUMMARY
The High-Speed Microcontroller family offers a combination of features and peripherals as shown in
Table 3-1. This User’s Guide is designed as a comprehensive guide covering all features available in the
High-Speed Microcontroller family. The designer should investigate the specific data sheet to determine
which features are available on a particular device. Detailed information about newer members of the
product family may be provided in separate documents until they can be assimlilated into the High-Speed
Microcontroller User’s Guide.


Similar Part No. - DS80C323-FCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C323-ECD DALLAS-DS80C323-ECD Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C323-ECD MAXIM-DS80C323-ECD Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C323-ECD MAXIM-DS80C323-ECD Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-ECD MAXIM-DS80C323-ECD Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-ECD++ MAXIM-DS80C323-ECD+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C323-FCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com