Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR13C-A Datasheet(PDF) 4 Page - SunLED Corporation

Part # AUR13C-A
Description  12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AUR13C-A Datasheet(HTML) 4 Page - SunLED Corporation

  AUR13C-A Datasheet HTML 1Page - SunLED Corporation AUR13C-A Datasheet HTML 2Page - SunLED Corporation AUR13C-A Datasheet HTML 3Page - SunLED Corporation AUR13C-A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Published Date : MAR 13,2008
Drawing No : SDSA2327
V4
Checked : Shin Chi
P.4/4
Part Number:
AUR13C-A
12.7mm (0.5") 16 SEGMENT SINGLE DIGIT
ALPHANUMERIC DISPLAY
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
AUR13C-A


Similar Part No. - AUR13C-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUR13C SUNLED-AUR13C Datasheet
185Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - AUR13C-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AMR13C SUNLED-AMR13C Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13A-A SUNLED-AUG13A-A Datasheet
189Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13A SUNLED-AMR13A Datasheet
186Kb / 4P
   12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13C-A SUNLED-AUG13C-A Datasheet
190Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13A SUNLED-AUG13A Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG13C SUNLED-AUG13C Datasheet
186Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY13C-A SUNLED-AUY13C-A Datasheet
191Kb / 4P
   12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY13A SUNLED-AUY13A Datasheet
187Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR13C-A SUNLED-AMR13C-A Datasheet
190Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUR13A SUNLED-AUR13A Datasheet
185Kb / 4P
   12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com