Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C320-QCG Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS87C320-QCG
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C320-QCG Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS87C320-QCG Datasheet HTML 1Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 2Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 3Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 4Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 5Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 6Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 7Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 8Page - Dallas Semiconductor DS87C320-QCG Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
1 of 175
092299
….
SECTION 1: INTRODUCTION
The Dallas Semiconductor High-Speed Microcontroller is an 8051-compatible device that provides
improved performance and power consumption compared to the original version. It retains instruction set
and object code compatibility with the 8051, yet performs the same operations in fewer clock cycles.
Consequently, more throughput is possible for the same crystal speed. As an alternative, the High-Speed
Microcontroller can be run slowly to save power. The more efficient design allows a much slower crystal
speed to get the same results as an original 8051, using much less power.
The fundamental innovation of the High-Speed Microcontroller is the use of only four clocks per
instruction cycle compared with twelve for the original 8051. This results in up to 3 times improvement
in performance. In addition, the High-Speed Microcontroller is updated with several new peripherals and
features while providing all of the standard features of an 80C32. These include 256 bytes of on-chip
RAM, 32 I/O ports, three 16-bit timer/counters, and an on-chip UART. All devices provide 256 bytes of
RAM for variables and stack. 128 bytes can be reached using direct addressing and 128 using indirect
addressing.
In addition to improved efficiency, members of the High-Speed Microcontroller family can operate at a
maximum clock rate of 33 or 40 MHz. Combined with the 3 times performance, this allows for a
maximum performance equivalent to a 99 or 120 MHz 8051.
This level of computing power is
comparable to many 16-bit processors, but without the added expense and complexity if implementing a
16-bit interface.
A number of peripherals were added to the original 80C32 core when designing the High-Speed
Microcontroller family. Some devices have a programmable watchdog Timer to supervise the system. It
will count up to a user programmable interval and then reset the CPU unless cleared by software. Other
features such as a second, full-function UART and dual data pointers are available to minimize external
interrupts allows greater flexibility in dealing with external events.
Some members of the High-Speed Microcontroller family incorporate Power Management Modes which
allow the device to dynamically vary the internal clock speed from 4 clocks per cycle (default) to 64 or
1024 clocks per cycle. Because power consumption is directly proportional to clock speed, the device
can reduce its operating frequency during periods of little or no activity. This greatly reduces power
consumption. The switch-back feature allows the device to quickly return in divide by 4 mode upon
receipt of an interrupt or serial port activity, allowing the device to respond to external events while in
Power Management Mode.
Various memory configurations are available with the High-Speed Microcontroller family. EPROM and
Mask programmable ROM versions are available for program memory.
Some versions incorporate
extended MOVX SRAM on-chip, reducing or eliminating the need for external data memory. This
memory can be made nonvolatile in the DS87C530 through the use of an external lithium battery.
High-Speed Microcontroller
User Guide
SmartSocket 16K/64K
User’s Guide
www.dalsemi.com


Similar Part No. - DS87C320-QCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520 MAXIM-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C320-QCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com