Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C54X2 Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # TS80C54X2
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C54X2 Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button TS80C54X2 Datasheet HTML 7Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 8Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 9Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 10Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 11Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 12Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 13Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 14Page - TEMIC Semiconductors TS80C54X2 Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Rev. B - Aug. 31, 1999
11
TS80C54X2/C58X2
TS87C54X2/C58X2
Table 5. AUXR1: Auxiliary Register 1
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new feature. In that case, the reset
value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate.
Application
Software can take advantage of the additional data pointers to both increase speed and reduce code size, for
example, block operations (copy, compare, search ...) are well served by using one data pointer as a ’source’
pointer and the other one as a "destination" pointer.
7
6
5
4
3
2
1
0
-
-
-
-
GF3
-
-
DPS
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
GF3
Reserved
This bit is a general purpose user flag
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
DPS
Data Pointer Selection
Clear to select DPTR0.
Set to select DPTR1.


Similar Part No. - TS80C54X2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCA ATMEL-TS80C54X2XXX-LCA Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCB ATMEL-TS80C54X2XXX-LCB Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCC ATMEL-TS80C54X2XXX-LCC Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCE ATMEL-TS80C54X2XXX-LCE Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results

Similar Description - TS80C54X2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com