Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T84C5112-S3FEL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T84C5112-S3FEL
Description  8-bit Microcontroller with A/D converter
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-S3FEL Datasheet(HTML) 1 Page - ATMEL Corporation

  T84C5112-S3FEL Datasheet HTML 1Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 2Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 3Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 4Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 5Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 6Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 7Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 8Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Rev. B - November 10, 2000
1
Preliminary
T80C5112
8-bit Microcontroller with A/D converter
1. Description
The T80C5112 is a high performance ROM/OTP version
of the 80C51 8-bit microcontroller.
The T80C5112 retains all the features of the standard
80C51 with 8 Kbytes ROM/OTP program memory, 256
bytes of internal RAM, a 8-source , 4-level interrupt
system, an on-chip oscillator and two timer/counters.
The T80C5112 is dedicated for analog interfacing
applications. For this, it has an 10-bit, 8 channels A/D
converter and a five channels Programmable Counter
Array.
In addition, the T80C5112 has a Hardware Watchdog
Timer with its own low power oscillator, a versatile
serial
channel
that
facilitates
multiprocessor
communication (EUART) with an independent baud rate
generator, a SPI serial bus controller and a X2 speed
improvement mechanism. The X2 feature allows to keep
the same CPU power at a divided by two oscillator
frequency.
The fully static design of the T80C5112 allows to reduce
system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The T80C5112 has 3 software-selectable modes of
reduced
activity
for
further
reduction
in
power
consumption. In the idle mode the CPU is frozen while
the peripherals are still operating. In the quiet mode, the
A/D converter only is operating. In the power-down
mode the RAM is saved and all other functions are
inoperative. Two oscillators source, crystal and RC,
provide a versatile power management.
The T80C5112 is proposed in 48/52 pin count packages
with Port 0 and Port 2 (address / data busses).
2. Features
· 80C51 Compatible
·
Five I/O ports
·
Two 16-bit timer/counters
·
256 bytes RAM
· 8Kbytes ROM/OTP program memory with 64 bytes
encryption array and 3 security levels.
· High-Speed Architecture
·
33MHz @ 5V (66 MHz equivalent)
·
20MHz @ 3V (40 MHz equivalent)
·
X2 Speed Improvement capability (6 clocks/
machine cycle)
· 10-bit, 8 channels A/D converter
· Hardware Watchdog Timer with integrated low
power oscillator (20
m A) and Reset-Out
· Programmable I/O mode: standard C51, input only,
push-pull, open drain.
· Asynchronous port reset, Power On Reset
· Full duplex Enhanced UART with baud rate generator
· SPI, master/slave mode
· Dual system clock
·
Crystal or ceramic oscillator with hardware set
up (32 KHz or 33/40 MHz)
·
Internal RC oscillator (12 MHz)
·
Programmable prescaler
·
Active oscillator during reset defined by hardware
set up
·
Timer 0 subclock mode for Real Time Clock.
· Programmable counter array with High speed output,
Compare / Capture, Pulse Width Modulation and
Watchdog timer capabilities
· Interrupt Structure with:
·
8 Interrupt sources,
·
4 interrupt priority levels
· Power Control modes:
·
Idle mode
·
Power-down mode
·
Power-off Flag, Power fail detect, Power on Reset
· Power supply: 2.7 to 5.5V
· Temperature ranges: Commercial (0 to 70C) and
Industrial (-40 to 85 C), optionnal extented
· Package:LQFP48 (body 7*7*1.4mm), PLCC52


Similar Part No. - T84C5112-S3FEL

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T84 NORGREN-T84 Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
logo
Integrated Technology F...
T84451B ITF-T84451B Datasheet
156Kb / 2P
   844.0 MHz SAW Filter
T84452B ITF-T84452B Datasheet
161Kb / 2P
   844.05 MHz SAW Filter
logo
Norgren Ltd
T84T-3AA-B1N NORGREN-T84T-3AA-B1N Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T84T-3GA-B1N NORGREN-T84T-3GA-B1N Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
More results

Similar Description - T84C5112-S3FEL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com