Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T84C5112-S3FEL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T84C5112-S3FEL
Description  8-bit Microcontroller with A/D converter
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-S3FEL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T84C5112-S3FEL Datasheet HTML 5Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 6Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 7Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 8Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 9Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 10Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 11Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 12Page - ATMEL Corporation T84C5112-S3FEL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
Rev. B - November 10, 2000
9
Preliminary
T80C5112
6.3. Functional Block diagram
Figure 1. Functional block diagram
6.4. Operating modes
6.4.1. Reset :
· An hardware RESET select Xtal_Osc or RC_Osc depending on the RST_OSC configuration bit
6.4.2. Functional modes :
6.4.2.1. NORMAL MODES :
· CPU and Peripherals clock depend on the software selection using CKCON0, CKCON1, CKSEL and CKRL
registers
·
CKS bit selects either Xtal_Osc or RC_Osc
·
CKRL register determines the frequency of the selected clock, unless X2 bit is set.
In this case the prescaler/divider is not used, so CPU core needs only 6-clock period per machine cycle.
According to the value of the peripheral X2 individual bit, each peripherals need 6 or 12 clock period per
instructions.
·
It is always possible to switch dynamicaly by software from Xtal_Osc to RC_Osc, and vice versa by changing
CKS bit, a synchronization cell allowing to avoid any spike during transition.
Xtal2
Xtal1
PwdRC
WD clock
PwdOsc
Ckrl
Reload
8-bit
Prescaler-Divider
ResetB
1
0
OscOut
Xtal_Osc
RC_Osc
XT_SP
OSCBEN
OSCAEN
CKS
X2
0
1
1
0
RCLF_Osc
RCLF_OFF
Mux
Filter
+
RCLF_OFF
OSCA
OSCB
OSCC
CkIdle
Ck
Idle
Cpu clock
Peripherals clock
Pwd
CkOut
CkAdc
Quiet
OSCBEN
OSCAEN
0
1
:128
A/D clock
Sub Clock
Timer 0 clock


Similar Part No. - T84C5112-S3FEL

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T84 NORGREN-T84 Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
logo
Integrated Technology F...
T84451B ITF-T84451B Datasheet
156Kb / 2P
   844.0 MHz SAW Filter
T84452B ITF-T84452B Datasheet
161Kb / 2P
   844.05 MHz SAW Filter
logo
Norgren Ltd
T84T-3AA-B1N NORGREN-T84T-3AA-B1N Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
T84T-3GA-B1N NORGREN-T84T-3GA-B1N Datasheet
1Mb / 7P
   T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
More results

Similar Description - T84C5112-S3FEL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65524A OKI-MSM65524A Datasheet
202Kb / 27P
   8-Bit Microcontroller with A/D Converter
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112 Datasheet
1Mb / 97P
   8-bit Microcontroller with A/D Converter
logo
OKI electronic componet...
MSM65522 OKI-MSM65522 Datasheet
183Kb / 22P
   8-Bit Microcontroller with A/D Converter
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com