Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83C5102 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # T83C5102
Description  8-bit Low pin count Microcontrollers, 0-66 MHz
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

T83C5102 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button T83C5102 Datasheet HTML 5Page - TEMIC Semiconductors T83C5102 Datasheet HTML 6Page - TEMIC Semiconductors T83C5102 Datasheet HTML 7Page - TEMIC Semiconductors T83C5102 Datasheet HTML 8Page - TEMIC Semiconductors T83C5102 Datasheet HTML 9Page - TEMIC Semiconductors T83C5102 Datasheet HTML 10Page - TEMIC Semiconductors T83C5102 Datasheet HTML 11Page - TEMIC Semiconductors T83C5102 Datasheet HTML 12Page - TEMIC Semiconductors T83C5102 Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Rev. E - 29 February 2000
9
T87C5101
T83C5101/02
Table 3. CKCON Register
CKCON - Clock Control Register (8Fh)
Reset Value = XXXX XXX0b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
X2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
X2
CPU and peripheral clock bit
Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2).
Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL).


Similar Part No. - T83C5102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5102 ATMEL-T83C5102 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5102 ATMEL-T83C5102 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5102 ATMEL-T83C5102 Datasheet
48Kb / 3P
   During UART Reception, Clearing REN May Generate Unexpected IT
T83C5102XXX-3ZSCL ATMEL-T83C5102XXX-3ZSCL Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5102XXX-3ZSCL ATMEL-T83C5102XXX-3ZSCL Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com