Electronic Components Datasheet Search |
|
T84C5112-S3SEL Datasheet(PDF) 6 Page - ATMEL Corporation |
|
T84C5112-S3SEL Datasheet(HTML) 6 Page - ATMEL Corporation |
6 / 97 page 6 Rev. B - November 10, 2000 Preliminary T80C5112 I/O AIN3 (P4.3): A/D converter input 3 INT1: External interrupt 1 I/O AIN4 (P4.4): A/D converter input 4 MISO: Master IN, Slave OUT of the SPI controller I/O AIN5 (P4.5): A/D converter input 5 MOSI: Master OUT, Slave IN of the SPI controller I/O AIN6 (P4.6): A/D converter input 6 SPSCK: Clock I/O of the SPI controlle I/O AIN7 (P4.7): A/D converter input 7 P0.0-P0.7 X X I/O Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them ßoat and can be used as high impedance inputs. Port 0 is also the multiplexed low-order address and data bus during access to external program and data memory. In this application, it uses strong internal pull-up when emitting 1s. P2.0-P2.7 X X I/O Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 2 pins that are externally pulled low will source current because of the internal pull-ups. Port 2 emits the high-order address byte during fetches from external program memory and during accesses to external data memory that use 16-bit addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups emitting 1s. During accesses to external data memory that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR. RST X X I RST: A high on this pin for two machine cycles while the oscillator is running, resets the device. An internal diffused resistor to VSS permits a power-on reset using only an external capacitor to VCC. If the hardware watchdog reaches its time-out, the reset pin becomes an output during the time the internal reset is activated. ALE X X O Address Latch Enable: Output pulse for latching the low byte of the address during an access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for external timing or clocking. Note that one ALE pulse is skipped during each access to external data memory. ALE can be disabled by setting SFRÕs AUXR.0 bit. With this bit set, ALE will be inactive during internal fetches. PSEN X X O Program Store ENable: The read strobe to external program memory. When executing code from the external program memory, PSEN is activated twice each machine cycle, except that two PSEN activations are skipped during each access to external data memory. PSEN is not activated during fetches from internal program memory. EA X X I External Access Enable: EA must be externally held low to enable the device to fetch code from external program memory locations 0000H and 1FFFH . If EA is held high, the device executes from internal program memory unless the program counter contains an address greater than 1FFFH. EA must be held low for ROMless devices. If security level 1 is programmed, EA will be internally latched on Reset. XTAL1 X I XTAL1 : Input to the inverting oscillator amplifier and input to the internal clock generator circuits, selected by hardware set upb XTAL2 X O XTAL2 : Output from the inverting oscillator amplifier, selected by hardware set up a. Hardware set up : +Configuration bits programmed with the code for ROM version +Configuration bits for EPROM version b. Hardware set up : +Configuration bits programmed with the code for ROM version +Configuration bits for EPROM version |
Similar Part No. - T84C5112-S3SEL |
|
Similar Description - T84C5112-S3SEL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |