Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAO-2.8-5.6 Datasheet(PDF) 2 Page - Nuvotem Talema

Part # CAO-2.8-5.6
Description  Common Mode Toroidal Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

CAO-2.8-5.6 Datasheet(HTML) 2 Page - Nuvotem Talema

  CAO-2.8-5.6 Datasheet HTML 1Page - Nuvotem Talema CAO-2.8-5.6 Datasheet HTML 2Page - Nuvotem Talema CAO-2.8-5.6 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Talema's Engineering staff can assist in the design of other inductance values and sizes.
CA Series • Common Mode Toroidal Chokes
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
BX
/
VF
B
X
/
VF
6
.
5
-
2
.
1
-
_
_
A
C
2
.
1
6
.
5
6
7
2
8
x
4
1
3
2
2
2
.
1
-
9
.
1
-
_
_
A
C
9
.
1
2
.
1
1
7
8
X
4
1
3
2
2
6
.
5
-
5
.
1
-
_
_
A
C5
.
16
.
53
9
17
x
8
1
333
2
.
1
-
1
.
3
-
_
_
A
C1
.
32
.
14
47
X
8
1
333
6
.
5
-
0
.
2
-
_
_
A
C
0
.
2
6
.
5
0
2
1
1
1
x
3
2
5
4
4
2
.
1
-
0
.
5
-
-
_
A
C
0
.
5
2
.
1
0
2
1
1
X
3
2
5
4
4
6
.
5
-
8
.
2
-
_
_
A
C8
.
26
.
52
73
1
x
9
25
A
46
2
.
1
-
5
.
7
-
_
_
A
C5
.
72
.
10
11
4
X
0
3
556
6
.
5
-
9
.
5
-
_
_
A
C
9
.
5
6
.
5
6
2
6
1
x
5
3
8
9
9
2
.
1
-
6
.
9
-
_
_
A
C
6
.
9
2
.
1
0
1
4
1
x
3
3
8
9
9
7
.
4
-
2
.
1
-
_
_
A
C2
.
17
.
43
5
28
x
4
1
322
0
.
1
-
0
.
2
-
_
_
A
C0
.
20
.
15
68
X
4
1
322
7
.
4
-
6
.
1
-
_
_
A
C
6
.
1
7
.
4
0
1
1
7
x
8
1
3
3
3
0
.
1
-
5
.
3
-
_
_
A
C
5
.
3
0
.
1
2
3
6
X
8
1
3
3
3
7
.
4
-
9
.
1
-
_
_
A
C9
.
17
.
49
91
1
x
3
25
4
4
0
.
1
-
0
.
5
-
_
_
A
C0
.
50
.
18
11
1
X
3
25
4
4
7
.
4
-
0
.
3
-
_
_
A
C
0
.
3
7
.
4
8
5
3
1
x
9
2
5
5
6
0
.
1
-
8
.
7
-
_
_
A
C
8
.
7
0
.
1
9
4
1
X
0
3
5
5
6
7
.
4
-
2
.
6
-
_
_
A
C2
.
67
.
43
25
1
x
4
3
899
0
.
1
-
0
1
-
_
_
A
C0
10
.
19
4
1
x
3
3
899
9
.
3
-
3
.
1
-
_
_
A
C
3
.
1
9
.
3
0
3
2
8
x
4
1
3
2
2
8
6
.
0
-
8
.
2
-
_
_
A
C
8
.
2
8
6
.
0
7
3
8
X
4
1
3
2
2
9
.
3
-
8
.
1
-
_
_
A
C8
.
19
.
30
0
17
x
8
1
333
8
6
.
0
-
2
.
4
-
_
_
A
C2
.
48
6
.
01
27
X
8
1
333
9
.
3
-
1
.
2
-
_
_
A
C
1
.
2
9
.
3
1
8
1
1
x
3
2
5
4
4
8
6
.
0
-
0
.
6
-
_
_
A
C
0
.
6
8
6
.
0
3
1
1
1
X
3
2
5
4
4
9
.
3
-
5
.
3
-
_
_
A
C5
.
39
.
32
44
1
x
0
3
556
8
6
.
0
-
5
.
8
-
_
_
A
C5
.
88
6
.
07
4
1
X
0
35
A
46
9
.
3
-
8
.
6
-
_
_
A
C
8
.
6
9
.
3
9
1
5
1
x
4
3
8
9
9
8
6
.
0
-
1
1
-
_
_
A
C
1
1
8
6
.
0
7
4
1
x
3
3
8
9
9
3
.
3
-
5
.
1
-
_
_
A
C5
.
13
.
35
6
18
x
4
1
322
7
4
.
0
-
6
.
3
-
_
_
A
C6
.
37
4
.
08
28
X
4
1
322
3
.
3
-
0
.
2
-
_
_
A
C
0
.
2
3
.
3
2
9
7
x
8
1
3
3
3
7
4
.
0
-
0
.
6
-
_
_
A
C
0
.
6
7
4
.
0
1
1
7
X
8
1
3
3
3
3
.
3
-
0
.
3
-
_
_
A
C0
.
33
.
32
51
1
x
3
25
4
4
7
4
.
0
-
0
.
7
-
_
_
A
C0
.
77
4
.
00
11
1
X
3
25
4
4
3
.
3
-
0
.
4
-
_
_
A
C
0
.
4
3
.
3
4
3
4
1
x
0
3
5
5
6
7
4
.
0
-
5
.
9
-
_
_
A
C
5
.
9
7
4
.
0
6
3
1
X
9
2
5
5
6
3
.
3
-
5
.
7
-
_
_
A
C5
.
73
.
36
15
1
x
4
3
899
7
4
.
0
-
2
1
-
_
_
A
C2
17
4
.
06
3
1
x
2
3
899
7
.
2
-
5
.
1
-
_
_
A
C
5
.
1
7
.
2
2
7
1
8
x
4
1
3
2
2
3
3
.
0
-
2
.
3
-
_
_
A
C
2
.
3
3
3
.
0
7
1
8
X
4
1
3
2
2
7
.
2
-
2
.
2
-
_
_
A
C2
.
27
.
23
87
x
8
1
333
3
3
.
0
-
1
.
6
-
_
_
A
C1
.
63
3
.
07
6
X
8
1
333
7
.
2
-
5
.
3
-
_
_
A
C
5
.
3
7
.
2
7
4
1
1
x
3
2
5
4
4
3
3
.
0
-
2
.
7
-
_
_
A
C
2
.
7
3
3
.
0
7
1
1
X
3
2
5
4
4
7
.
2
-
8
.
4
-
_
_
A
C8
.
47
.
22
24
1
x
0
3
556
3
3
.
0
-
0
1
-
_
_
A
C0
13
3
.
05
3
1
X
9
25
A
46
7
.
2
-
8
.
7
-
_
_
A
C
8
.
7
7
.
2
4
1
5
1
x
4
3
8
9
9
3
3
.
0
-
3
1
-
_
_
A
C
3
1
3
3
.
0
5
3
1
x
2
3
8
9
9
2
.
2
-
6
.
1
-
_
_
A
C6
.
12
.
25
3
17
x
4
1
322
2
2
.
0
-
7
.
3
-
_
_
A
C7
.
32
2
.
02
18
X
4
1
322
2
.
2
-
3
.
2
-
_
_
A
C
3
.
2
2
.
2
5
7
7
x
8
1
3
3
3
2
2
.
0
-
6
.
7
-
_
_
A
C
6
.
7
2
2
.
0
5
7
X
8
1
3
3
3
2
.
2
-
0
.
4
-
_
_
A
C0
.
42
.
20
31
1
x
3
25
4
4
2
2
.
0
-
9
.
8
-
_
_
A
C9
.
82
2
.
04
1
1
X
3
25
4
4
2
.
2
-
8
.
5
-
_
_
A
C
8
.
5
2
.
2
6
1
5
1
x
1
3
5
5
6
2
2
.
0
-
1
1
-
_
_
A
C
1
1
2
2
.
0
4
2
1
X
9
2
5
5
6
2
.
2
-
2
.
8
-
_
_
A
C2
.
82
.
23
15
1
x
4
3
899
2
2
.
0
-
3
1
-
_
_
A
C3
12
2
.
04
3
1
x
2
3
899
8
.
1
-
6
.
1
-
_
_
A
C
6
.
1
8
.
1
1
1
1
8
x
4
1
3
2
2
5
1
.
0
-
6
.
4
-
_
_
A
C
6
.
4
5
1
.
0
8
8
X
4
1
3
2
2
8
.
1
-
5
.
2
-
_
_
A
C5
.
28
.
10
67
x
8
1
333
5
1
.
0
-
3
.
9
-
_
_
A
C3
.
95
1
.
03
7
X
8
1
333
8
.
1
-
5
.
4
-
_
_
A
C
5
.
4
8
.
1
7
2
1
1
x
3
2
5
4
4
5
1
.
0
-
0
1
-
_
_
A
C
0
1
5
1
.
0
3
1
1
X
3
2
5
4
4
8
.
1
-
0
.
6
-
_
_
A
C0
.
68
.
14
14
1
x
0
3
556
5
1
.
0
-
2
1
-
_
_
A
C2
15
1
.
03
2
1
X
9
2
556
8
.
1
-
7
.
8
-
_
_
A
C
7
.
8
8
.
1
2
1
5
1
x
4
3
8
9
9
5
1
.
0
-
6
1
-
_
_
A
C
6
1
5
1
.
0
3
3
1
x
2
3
8
9
9
5
.
1
-
8
.
1
-
_
_
A
C8
.
15
.
19
88
X
4
1
322
0
1
.
0
-
7
.
5
-
_
_
A
C7
.
50
1
.
05
8
X
4
1
322
5
.
1
-
8
.
2
-
_
_
A
C
8
.
2
5
.
1
9
4
7
X
8
1
3
3
3
0
1
.
0
-
0
1
-
_
_
A
C
0
1
0
1
.
0
2
7
X
8
1
3
3
3
5
.
1
-
0
.
5
-
_
_
A
C0
.
55
.
12
21
1
X
3
25
4
4
0
1
.
0
-
2
1
-
_
_
A
C2
10
1
.
02
1
1
X
2
25
4
4
5
.
1
-
0
.
7
-
_
_
A
C
0
.
7
5
.
1
1
1
5
1
X
1
3
5
5
6
0
1
.
0
-
3
1
-
_
_
A
C
3
1
0
1
.
0
3
2
1
X
8
2
5
5
6
5
.
1
-
1
.
9
-
_
_
A
C1
.
95
.
11
14
1
x
3
3
899
0
1
.
0
-
7
1
-
_
_
A
C7
10
1
.
03
3
1
X
2
3
899
THE TALEMA GROUP
World Wide Toroidal Specialists
(02-07) CA Series
Notes:
1) Inductance measured at 25°C and 10 kHz.
L < 2mH test level < 2.5mA
L > 2mH test ;evel < 250mV
2) Inductance loss <10% by DC preload
with I
N
(current compensated).
3) DC Resistance measured at 25°C ±5°C.
4) Test voltage per VDE 0565/2
5) 250 VAC Nominal Operating Voltage
6) Maximum Ambient Temperature: 60°C
Inductance Value per Winding
Current Rating (Amps)
Mounting Style
O = Open: 'OV' - Vertical & 'OH' - Horizontal Mount
B = Base Mount
V = Vertical Encapsulated - Pins 7 - 2 and 6 - 3
X = Vertical Encapsulated - Pins 8 - 1 and 5 - 4
F = Flat Encapsulated
Basic Series Designation
Ordering Key
CA B - 0.5 - 10mH


Similar Part No. - CAO-2.8-5.6

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CAO158AE HARRIS-CAO158AE Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158AT HARRIS-CAO158AT Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158E HARRIS-CAO158E Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158M HARRIS-CAO158M Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158T HARRIS-CAO158T Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
More results

Similar Description - CAO-2.8-5.6

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
   Common Mode Toroidal Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com