Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C161K-L16M Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SAB-C161K-L16M
Description  16-Bit CMOS Single-Chip Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C161K-L16M Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SAB-C161K-L16M Datasheet HTML 3Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C161K-L16M Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Semiconductor Group
6
1996 Intermediate Version
C161
RSTOUT 66
O
Internal Reset Indication Output. This pin is set to a low level when
the part is executing either a hardware-, a software- or a watchdog
timer reset. RSTOUT remains low until the EINIT (end of
initialization) instruction is executed.
NMI
67
I
Non-Maskable Interrupt Input. A high to low transition at this pin
causes the CPU to vector to the NMI trap routine.
When the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C161 to go into power down
mode. If NMI is high, when PWRDN is executed, the part will
continue to run in normal mode.
Power Down is only available on the C161K and the C161O.
If not used, pin NMI should be pulled high externally.
P6.0 –
P6.3
68 -
71
I/O
I/O
Port 6 is a 4-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
The Port 6 pins also serve for alternate functions:
68
69
70
71
O
O
O
O
P6.0
CS0
Chip Select 0 Output (C161O, C161K)
P6.1
CS1
Chip Select 1 Output (C161O, C161K)
P6.2
CS2
Chip Select 2 Output (C161O)
P6.3
CS3
Chip Select 3 Output (C161O)
The C161V does not provide CS outputs.
P2.9 –
P2.15
72 -
78
72
...
75
I/O
I/O
I
...
I
Port 2 is a 7-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
The following Port 2 pins also serve for alternate functions:
P2.9
EX1IN
Fast External Interrupt 1 Input
...
...
...
P2.12
EX4IN
Fast External Interrupt 4 Input
76
...
78
I
...
I
P2.13
EX5IN
Fast External Interrupt 5 Input
...
...
...
P2.15
EX7IN
Fast External Interrupt 7 Input
These ext. interrupts are only available on the C161O.
P5.14 –
P5.15
79
80
I
I
Port 5
is
a
2-bit
input-only
port
with
Schmitt-Trigger
characteristics.
79
80
I
I
The pins of Port 5 also serve as timer inputs:
P5.14
T4EUD
GPT1 Timer T4 Ext.Up/Down Ctrl.Input
P5.15
T2EUD
GPT1 Timer T2 Ext.Up/Down Ctrl.Input
These functions are only available on the C161K and the C161O.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input
Output
Function


Similar Part No. - SAB-C161K-L16M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C161K-L25M INFINEON-SAB-C161K-L25M Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM INFINEON-SAB-C161K-LM Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM3V INFINEON-SAB-C161K-LM3V Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
More results

Similar Description - SAB-C161K-L16M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com