Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-XC2387-72F66L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAK-XC2387-72F66L
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC2387-72F66L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAK-XC2387-72F66L Datasheet HTML 7Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 8Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 9Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 10Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 11Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 12Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 13Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 14Page - Infineon Technologies AG SAK-XC2387-72F66L Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
XC2387
XC2000 Family Derivatives
General Device Information
Preliminary
Data Sheet
9
V0.1, 2007-06
Draft Version
Notes to Pin Definitions
1. Ctrl.: The output signal for a port pin is selected via bitfield PC in the associated
register Px_IOCRy. Output O0 is selected by setting the respective bitfield PC to
1x00
B, output O1 is selected by 1x01B, etc.
Output signal OH is controlled by hardware.
2. Type: Indicates the employed pad type (St=standard pad, Sp=special pad,
DP=double pad, In=input pad, PS=power supply) and its power supply domain (A, B,
M, 1).
Table 2
Pin Definitions and Functions
Pin
Symbol
Ctrl.
Type Function
3
TESTM
IIn/B
Testmode Enable
Enables factory test modes, must be held HIGH for
normal operation (connect to
V
DDPB).
4
P7.2
O0 / I St/B
Bit 2 of Port 7, General Purpose Input/Output
EMUX0
O1
St/B
External Analog MUX Control Output 0
TxDC4
O2
St/B
CAN Node 4 Transmit Data Output
TDI_C
I
St/B
JTAG Test Data Input
5
P8.4
O0 / I St/B
Bit 4 of Port 8, General Purpose Input/Output
CCU60_
COUT61
O1
St/B
CCU60 Channel 1 Output
TMS_D
I
St/B
JTAG Test Mode Selection Input
6TRST
IIn/B
Test-System Reset Input
For normal system operation, pin TRST should be
held low. A high level at this pin at the rising edge
of PORST activates the XC238x’s debug system.
In this case, pin TRST must be driven low once to
reset the debug system.
7
P8.3
O0 / I St/B
Bit 3 of Port 8, General Purpose Input/Output
CCU60_
COUT60
O1
St/B
CCU60 Channel 0 Output
TDI_D
I
St/B
JTAG Test Data Input


Similar Part No. - SAK-XC2387-72F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC2336B-40F80LRAB INFINEON-SAK-XC2336B-40F80LRAB Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
SAK-XC2336B-40F80LRAB INFINEON-SAK-XC2336B-40F80LRAB_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
SAK-XC2365-48F66L INFINEON-SAK-XC2365-48F66L Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
SAK-XC2365-56F66L INFINEON-SAK-XC2365-56F66L Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
SAK-XC2365-72F66L INFINEON-SAK-XC2365-72F66L Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
More results

Similar Description - SAK-XC2387-72F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com