Electronic Components Datasheet Search |
|
T84C5112-S3FCL Datasheet(PDF) 7 Page - ATMEL Corporation |
|
T84C5112-S3FCL Datasheet(HTML) 7 Page - ATMEL Corporation |
7 / 97 page Rev. B - November 10, 2000 7 Preliminary T80C5112 6. Clock system 6.1. Overview The T80C5112 oscillator system provides a reliable clocking system with full mastering of speed versus CPU power trade off. Several clocks sources are possible: · External clock input · High speed crystal or ceramic oscillator · Low speed crystal oscillator · Integrated high speed RC oscillator · The low speed RC oscillator of the watchdog is a backup clocking source when no clock are selected in active or idle modes. The selected clock source can be divided by 2-512 before clocking the CPU and the peripherals. When X2 function is set, the CPU need 6 clock periods per cycle. Active oscillator at reset is defined by bits in a configuration byte programmed on an OTP programmer or by metal mask. Clocking is controlled by several SFR registers : OSCON, CKCON0, CKCON1, CKRL. 6.2. Blocks description The T80C5112 includes the following oscillators: · Crystal oscillator, with two possible gains optimized for 32 kHz or 33 MHz. · Integrated high speed RC oscillator, with typical frequency of 12 MHz · Integrated low speed, low power RC oscillator, with typical frequency of 200 kHz; this oscillator is used to clock the hardware watchdog and as back up oscillator when the CPU receives no clock signal in active or idle modes. 6.2.1. Crystal oscillator : OSCA The crystal oscillator uses two external pins, XTAL1 for input and XTAL2 for output. XT_SP in configuration byte allows to select between two possible gains optimized for 32 kHz or 33 MHz. Both crystal and ceramic resonnators can be used. OSCAEN in OSCCON register is an enable signal for the crystal oscillator or the external oscillator input. When the crystal oscillator is not selected, XTAL1 can be used as a standard C51 I/O port, and X2 can be used as a standard C51 I/O port. 6.2.2. Integrated high speed RC oscillator : OSCB The high speed RC oscillator do not need any external component; its typical frequency is 12 MHz. Note that the on chip oscillator has a +-25% frequency tolerance and for that reason may not be suitable for use in some applications. OSCBEN in OSCCON register is an enable signal for the high speed RC oscillator. |
Similar Part No. - T84C5112-S3FCL |
|
Similar Description - T84C5112-S3FCL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |