Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB-3 Datasheet(PDF) 1 Page - Riedon Powertron

Part # UB-3
Description  Silicone Coated Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UB-3 Datasheet(HTML) 1 Page - Riedon Powertron

  UB-3 Datasheet HTML 1Page - Riedon Powertron UB-3 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page103
rev.03/2006A
Type
WattageRating
(Watts)
Maximum
Ohms2
Dimensions
Maximum
Working
Voltage
MIL-R-26/
MIL-R-39007
Style
A
±0.062”
[±1.6mm]
B
±0.031”
[±0.8mm]
C1
±0.002”
[±0.05mm]
U
V
UB-1
1
1.5
3.4k
0.250[6.4]
0.085[2.2]
0.020 [0.5]
0.025[0.6]
33
RW-81
RWR-81
UB-23
1.5
2
7.5k
0.312[7.9]
0.078[2.0]
0.020 [0.5]
0.025[0.6]
42
RWR-82
UB-3
2
3
10k
0.406[10.3]
0.094[2.4]
0.025 [0.6]
0.020[0.5]
80
RW-80
RWR-80
UB-5
4
5
25k
0.560[14.2]
0.187[4.7]
0.032[0.8]
162
UB-5C
5
7
32k
0.500[12.7]
0.218[5.5]
0.032[0.8]
194
UB-6
6
8
50k
0.625[15.9]
0.250[6.4]
0.040[1.0]
258
UB-10
7
10
95k
0.875[22.2]
0.312[7.9]
0.040[1.0]
425
RW-84
UB-12
10
12
150k
1.220[31.0]
0.312[7.9]
0.040[1.0]
607
UB-15
15
18
260k
1.780[45.2]
0.375[9.5]
0.040[1.0]
1050
1
LeadDiameter:18AWG=0.040”/20AWG=0.032”/22AWG=0.025”/24AWG=0.020”
Wheremorethanoneleadislisted/thetopvalueisStandard
2
Fornon-inductivewindings/dividemaximumresistanceby2
3
ThispartdoesnotmeettheRoHSdirective-callfactoryfordetails
UB Series
Resistances from 0.005 to 260kOhms
Power Rating 1 to 18Watts
Resistance Tolerances to ± 0.01%
Low TCR: ± 20ppm/K Standard
MIL-R-26 / MIL-R-39007 Power Ratings
Temperature Range: -55°C to +350°C ( “V” Rating )
Non-Inductive Windings Available
SPECIFICATIONS
ForNon-InductiveWindings/inserttheletter“N”(i.e.UBN-5)
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:UB-310Ohm1%
SiliconeCoatedPowerResistors
Ordering Information


Similar Part No. - UB-3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB-3 RIEDON-UB-3 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-3C RIEDON-UB-3C Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
More results

Similar Description - UB-3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UTL-1 RIEDON-UTL-1 Datasheet
86Kb / 1P
   Silicone Coated Power Resistors
logo
Willow Technologies Ltd
UT-1 WILLOW-UT-1 Datasheet
408Kb / 2P
   Silicone Coated Power Resistors
logo
Riedon Powertron
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-1 RIEDON-UB-1_16 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com