Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2308 Datasheet(PDF) 4 Page - Hitachi Metals, Ltd

Part # 2SC2308
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

2SC2308 Datasheet(HTML) 4 Page - Hitachi Metals, Ltd

  2SC2308 Datasheet HTML 1Page - Hitachi Metals, Ltd 2SC2308 Datasheet HTML 2Page - Hitachi Metals, Ltd 2SC2308 Datasheet HTML 3Page - Hitachi Metals, Ltd 2SC2308 Datasheet HTML 4Page - Hitachi Metals, Ltd 2SC2308 Datasheet HTML 5Page - Hitachi Metals, Ltd 2SC2308 Datasheet HTML 6Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC458, 2SC2308
4
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
300
200
100
Noise Figure vs. Frequency
0
100
1k
3k
300
10k
30k
30
4
8
12
16
20
Frequency f (Hz)
IC = 0.1 mA
Rg = 500 Ω
VCE = 6 V
Collector to Emitter Voltage VCE (V)
1
Noise Figure vs. Collector to Emitter Voltage
8
6
4
2
0
30
20
10
5
2
IC = 0.1 mA
Rg = 500 Ω
f = 1kHz


Similar Part No. - 2SC2308

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2308 HITACHI-2SC2308 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2308 RENESAS-2SC2308 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
Foshan Blue Rocket Elec...
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
749Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Renesas Technology Corp
2SC2308CTZ RENESAS-2SC2308CTZ Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
More results

Similar Description - 2SC2308

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com