Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C450-MNL+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS89C450-MNL+
Description  Ultra-High-Speed Flash Microcontrollers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C450-MNL+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS89C450-MNL+ Datasheet HTML 1Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 2Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 3Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 4Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 5Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 6Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 7Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 8Page - Maxim Integrated Products DS89C450-MNL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1 of 48
REV: 060805
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS89C430, DS89C440, and DS89C450 offer the
highest performance available in 8051-compatible
microcontrollers. They feature newly designed
processor cores that execute instructions up to 12
times faster than the original 8051 at the same
crystal speed. Typical applications will experience a
speed improvement up to 10x. At 1 million
instructions per second (MIPS) per megahertz, the
microcontrollers achieve 33 MIPS performance from
a maximum 33MHz clock rate.
The Ultra-High-Speed Flash Microcontroller Userís Guide should
be used in conjunction with this data sheet. Download it at
www.maxim-ic.com/microcontrollers.
ORDERING INFORMATION
PART
FLASH
MEMORY SIZE
PIN-PACKAGE
DS89C430-MNL
16kB
40 PDIP
DS89C430-MNL+
16kB
40 PDIP
DS89C430-QNL
16kB
44 PLCC
DS89C430-QNL+
16kB
44 PLCC
DS89C430-ENL
16kB
44 TQFP
DS89C430-ENL+
16kB
44 TQFP
DS89C440-MNL
32kB
40 PDIP
DS89C440-MNL+
32kB
40 PDIP
DS89C440-QNL
32kB
44 PLCC
DS89C440-QNL+
32kB
44 PLCC
DS89C440-ENL
32kB
44 TQFP
DS89C440-ENL
32kB
44 TQFP
DS89C450-MNL
64kB
40 PDIP
DS89C450-MNL+
64kB
40 PDIP
DS89C450-QNL
64kB
44 PLCC
DS89C450-QNL+
64kB
44 PLCC
DS89C450-ENL
64kB
44 TQFP
DS89C450-ENL+
64kB
44 TQFP
+ Denotes a lead-free/RoHS-compliant device.
Complete Selector Guide appears at end of data sheet.
Pin Configurations appear at end of data sheet.
FEATURES
§
High-Speed 8051 Architecture
One Clock-Per-Machine Cycle
DC to 33MHz Operation
Single Cycle Instruction in 30ns
Optional Variable Length MOVX to Access
Fast/Slow Peripherals
Dual Data Pointers with Automatic
Increment/Decrement and Toggle Select
Supports Four Paged Memory-Access Modes
§
On-Chip Memory
16kB/32kB/64kB Flash Memory
In-Application Programmable
In-System Programmable Through Serial Port
1kB SRAM for MOVX
§
80C52 Compatible
8051 Pin and Instruction Set Compatible
Four Bidirectional, 8-Bit I/O Ports
Three 16-Bit Timer Counters
256 Bytes Scratchpad RAM
§
Power-Management Mode
Programmable Clock Divider
Automatic Hardware and Software Exit
§
ROMSIZE Feature
Selects Internal Program Memory Size from
0 to 64kB
Allows Access to Entire External Memory Map
Dynamically Adjustable by Software
§
Peripheral Features
Two Full-Duplex Serial Ports
Programmable Watchdog Timer
13 Interrupt Sources (Six External)
Five Levels of Interrupt Priority
Power-Fail Reset
Early Warning Power-Fail Interrupt
Electromagnetic Interference (EMI) Reduction
APPLICATIONS
Data Logging
Telephones
White Goods
HVAC
Building Energy
Control and
Management
Uninterruptible
Power Supplies
Automotive Text
Equipment
Industrial Control
and Automation
Motor Control
Vending
Magstripe
Reader/Scanner
Gaming
Equipment
Programmable
Logic Controllers
Building Security
and Door Access
Control
Consumer
Electronics
DS89C430/DS89C440/DS89C450
Ultra-High-Speed Flash Microcontrollers
www.maxim-ic.com


Similar Part No. - DS89C450-MNL+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C450-MNL++ DALLAS-DS89C450-MNL+ Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
More results

Similar Description - DS89C450-MNL+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Zilog, Inc.
EZ80L92MCU ZILOG-EZ80L92MCU Datasheet
2Mb / 241P
   eZ80Acclaim Flash Microcontrollers
logo
Microchip Technology
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
logo
Zilog, Inc.
EZ80F92 ZILOG-EZ80F92 Datasheet
3Mb / 266P
   eZ80Acclaim??Flash Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com