Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2252T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2252T Datasheet HTML 1Page - Dallas Semiconductor DS2252T Datasheet HTML 2Page - Dallas Semiconductor DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS2252T
121395 4/14
PIN ASSIGNMENT
1
P1.0
11
P1.5
21
P3.1 TXD
31
P3.6 WR
2VCC
12
P0.4
22
ALE
32
P2.4
3
P1.1
13
P1.6
23
P3.2 INT0
33
P3.7 RD
4
P0.0
14
P0.5
24
PROG
34
P2.3
5
P1.2
15
P1.7
25
P3.3 INT1
35
XTAL2
6
P0.1
16
P0.6
26
P2.7
36
P2.2
7
P1.3
17
RST
27
P3.4 T0
37
XTAL1
8
P0.2
18
P0.7
28
P2.6
38
P2.1
9
P1.4
19
P3.0 RXD
29
P3.5 T1
39
GND
10
P0.3
20
SDI
30
P2.5
40
P2.0
PIN DESCRIPTION
PIN
DESCRIPTION
4, 6, 8, 10,
12, 14, 16, 18
P0.0 – P0.7. General purpose I/O Port 0. This port is open–drain and can not drive a logic 1.
It requires external pull–ups. Port 0 is also the multiplexed Expanded Address/Data bus.
When used in this mode, it does not require pull–ups.
1, 3, 5, 7, 9,
11, 13, 15
P1.0 – P1.7. General purpose I/O Port 1.
40, 38, 36,
34, 32, 30,
28, 26
P2.0 – P2.7. General purpose I/O Port 2. Also serves as the MSB of the Expanded Address
bus.
19
P3.0 RXD. General purpose I/O port pin 3.0. Also serves as the receive signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
21
P3.1 TXD. General purpose I/O port pin 3.1. Also serves as the transmit signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
23
P3.2 INT0. General purpose I/O port pin 3.2. Also serves as the active low External Interrupt
0. This pin is also connected to the INTP output of the DS1283 Real Time Clock.
25
P3.3 INT1. General purpose I/O port pin 3.3. Also serves as the active low External
Interrupt 1.
27
P3.4 T0. General purpose I/O port pin 3.4. Also serves as the Timer 0 input.
29
P3.5 T1. General purpose I/O port pin 3.5. Also serves as the Timer 1 input.
31
P3.6 WR. General purpose I/O port pin. Also serves as the write strobe for Expanded bus
operation.
33
P3.7 RD. General purpose I/O port pin. Also serves as the read strobe for Expanded bus
operation.
17
RST – Active high reset input. A logic 1 applied to this pin will activate a reset state. This pin
is pulled down internally, can be left unconnected if not used. An RC power–on reset circuit
is not needed and is NOT recommended.
22
ALE – Address Latch Enable. Used to de–multiplex the multiplexed Expanded Address/Data
bus on Port 0. This pin is normally connected to the clock input on a ’373 type transparent
latch.


Similar Part No. - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2252T-128-16 DALLAS-DS2252T-128-16 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results

Similar Description - DS2252T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
DS2252T DALLAS-DS2252T Datasheet
257Kb / 15P
   Secure Microcontroller Module
logo
ATMEL Corporation
AT90SC6464C-USB ATMEL-AT90SC6464C-USB Datasheet
55Kb / 4P
   Secure Microcontroller
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com