Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS2-T221 Datasheet(PDF) 2 Page - Riedon Powertron

Part # NPS2-T221
Description  Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

NPS2-T221 Datasheet(HTML) 2 Page - Riedon Powertron

  NPS2-T221 Datasheet HTML 1Page - Riedon Powertron NPS2-T221 Datasheet HTML 2Page - Riedon Powertron NPS2-T221 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page81
rev.03/2006A
0
20
40
60
80
100
120
25
50
85
100
115
130
145
155
Temperature of the backplate (°C)
Temperature Coefficient
SPECIFICATIONS (continued)
NPRNPS 2-T220T221
NHRNHS2-T220T221
Derating
PowerResistors
-8000
-3000
2000
7000
-50
-25
0
25
50
75
100
125
50ppm/K
100ppm/K
Temperature(°C)
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
12.70
0.2
0.50
0.008
B
10.16
0.2
0.40
0.008
C
0.76
0.1
0.03
0.004
D
5.08
0.1
0.20
0.004
E
4.00
0.1
0.16
0.004
F
1.20
0.1
0.05
0.004
G
14.60
0.2
0.57
0.008
H
15.00
0.2
0.59
0.008
I
17.33
0.2
0.68
0.008
J
0.40
0.1
0.02
0.004
K
1.85
0.1
0.07
0.004
Dimension
mm
inches
A
12.10
0.476
B
11.16
0.439
C
18.33
0.722
D
5.08
0.200
E
1.76
0.069
F
3.20
0.126
NPS/NHS2-T220
Dimensions
PowerRatingNotes-
TheNPR/NHRSeriesResistorsmustbeattachedtoasuitable
heatsink.Themaximuminternalresistortemperatureis155°C.
Tospecifyanappropriateheatsinkusethefollowingformula:
R
q
H=TMAX-(PxRqR)-TA
P
Where: R
q
H=ThermalResistanceofHeatsink(K/W)
R
q
R=ThermalResistanceofResistor(K/W)
T
MAX=MaximumTemperatureofResistor
T
A=AmbientTemperatureofHeatsink(°C)
P=PowerThroughResistor(W)


Similar Part No. - NPS2-T221

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPS2-T220 RIEDON-NPS2-T220 Datasheet
209Kb / 3P
   Power Resistors
More results

Similar Description - NPS2-T221

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
   Power Resistors
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
   Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
   Power Resistors
DEC-29-2023
RHA RFE-RHA Datasheet
2Mb / 3P
   Power Resistors
12-11-2020
logo
Riedon Powertron
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
   Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
   Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
   Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com