Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT-4 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MT-4
Description  Low Ohm Power Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MT-4 Datasheet(HTML) 1 Page - Riedon Powertron

  MT-4 Datasheet HTML 1Page - Riedon Powertron MT-4 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page76
rev.03/2006A
MT Series
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Resistances from 0.003 to 0.10Ohms
Tolerance to ±0.1%
TCR’s to ± 20 ppm/K ( Four Terminal Version )
For Current Sensing and Shunt Applications
All Welded Construction
Low Inductance ( <10nH )
Four Terminal Versions Available (Consult Factory)
SPECIFICATIONS
Temperature Coefficient
of Resistance (TCR)
0
0.01
0.03
0.05
0.07
0.09
0.11
0.13
500
400
300
200
100
0
Resistance Value ( W )
PartNumber-Resistance-Tolerance-TCR(ifnotstandard)-4T(ifdesired)
Example:MT-50.01Ohm1%4T
Specification
Value
ResistanceRange
0.003to0.10Ohms
Tolerances
2Terminal:±1%/±5%(ContactFactoryforOthers)
4Terminal:±0.1%/±0.5%/±1%/±5%(ContactFactoryforOthers)
Temperature Coefficient
SeeChartBelow
Inductance
<10nH
DielectricStrength
1000VAC(500VACforMT-1AandMT-2A)
InsulationResistance
>1000MOhms/Dry
EnvironmentalPerformance
(MIL-STD202)
D
R
TestConditions
LoadLife
±1%
70°C/90minON/30minOFF/1000hr
MoistureResistance
±1%
40°C/90-95%RH/DC0.1W/1000hr
TemperatureCycling
±1%
-40°Cfor30min/+125°Cfor30min/1000hr
ShortTermOverload
±1%
5Xratedpowerfor5seconds
2 Terminal
4 Terminal
LowOhmPowerResistors
Ordering Information


Similar Part No. - MT-4

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT-4 RIEDON-MT-4 Datasheet
177Kb / 2P
   Low Ohm Power Resistors
logo
FOTEK CONTROLS CO., LTD...
MT-48 FOTEK-MT-48 Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
MT-4896 FOTEK-MT-4896 Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
More results

Similar Description - MT-4

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT3-0R01F1 RIEDON-MT3-0R01F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT-1A RIEDON-MT-1A Datasheet
177Kb / 2P
   Low Ohm Power Resistors
MT2B-0R1F1 RIEDON-MT2B-0R1F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT2A-0R05F1 RIEDON-MT2A-0R05F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
MT1A-0R01F1 RIEDON-MT1A-0R01F1 Datasheet
180Kb / 2P
   Low Ohm Power Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
   Metal low ohm power chip resistors
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
   Ultra low ohm power chip resistors
WW25B WALSIN-WW25B Datasheet
157Kb / 7P
   Ultra low ohm power chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
   Ultra low ohm power chip resistors
WW25A WALSIN-WW25A Datasheet
156Kb / 7P
   Ultra low ohm power chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com