Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C420 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS89C420
Description  Ultra-High-Speed Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C420 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS89C420_02 Datasheet HTML 5Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 6Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 7Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 8Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 9Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 10Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 11Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 12Page - Maxim Integrated Products DS89C420_02 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DS89C420
9 of 58
Table 2. SPECIAL FUNCTION REGISTERS
REGISTER ADDR
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
P0
80h
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
86h
ID1
ID0
TSL
AID
SEL
PCON
87h
SMOD_0
SMOD0
OFDF
OFDE
GF1
GF0
STOP
IDLE
TCON
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
GATE
C/
T
M1
M0
GATE
C/
T
M1
M0
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
8Eh
WD1
WD0
T2M
T1M
T0M
MD2
MD1
MD0
P1
90h
P1.7/
5
INT
P1.6/INT4
P1.5/
3
INT
P1.4/INT2
P1.3/TXD1
P1.2/RXD1
P1.1/T2EX
P1.0/T2
EXIF
91h
IE5
IE4
IE3
IE2
CKRY
RGMD
RGSL
BGS
CKMOD
96h
T2MH
T1MH
T0MH
SCON0
98h
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
SBUF0
99h
ACON
9Dh
PAGEE
PAGES1
PAGES0
P2
A0h
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
IE
A8h
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
SADDR0
A9h
SADDR1
AAh
P3
B0h
P3.7/
RD
P3.6/ WR
P3.5/T1
P3.4/T0
P3.3/
1
INT
P3.2/
0
INT
P3.1/TXD0
P3.0/RXD0
IP1
B1h
MPS1
MPT2
MPS0
MPT1
MPX1
MPT0
MPX0
IP0
B8h
LPS1
LPT2
LPS0
LPT1
LPX1
LPT0
LPX0
SADEN0
B9h
SADEN1
BAh
SCON1
C0h
SM0/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
SBUF1
C1h
ROMSIZE
C2h
PRAME
RMS2
RMS1
RMS0
PMR
C4h
CD1
CD0
SWB
CTM
4X/
X
2
ALEON
DME1
DME0
STATUS
C5h
PIS2
PIS1
PIS0
SPTA1
SPRA1
SPTA0
SPRA0
TA
C7h
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/
2
T
CP/
2
RL
T2MOD
C9h
T2OE
DCEN
RCAP2L
CAh
RCAP2H
CBh


Similar Part No. - DS89C420_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
   Ultra-High-Speed Microcontroller
REV: 081805
More results

Similar Description - DS89C420_02

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
   Ultra-High-Speed Microcontroller
REV: 081805
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
   Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com