Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF65 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MF65
Description  Film Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MF65 Datasheet(HTML) 1 Page - Riedon Powertron

  MF65 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page65
1.01
MF Series
FilmResistors
Type
MF50
MF55
MF60
MF65
MF70
MF75
MIL-R-10509F
RN50
RN55
RN60
RN65
RN70
RN75
ResistanceRange
0.1Ohmsto22MOhms
Powerrating(70°C)
0.16W
0.25W
0.50W
1.0W
2.0W
3.0W
Tolerances
0.1%/0.25%/0.5%/1%/5%
Temperature Coefficient
5/10/15/25/50ppm/K
OperatingVoltage(Umax)
200V
250V
300V
350V
450V
500V
ShortTimeOverloadVoltage
400V
500V
600V
700V
900V
1000V
OperatingTemperatureRange
-55to125°C
InsulationResistance
>1G
InsulationVoltage
>500V
Dimensionsinmm[inches]
L
D
d
Tolerance
3.8[0.15]
2.0[0.08]
0.5[0.02]
±0.1[0.003]
6.0[0.24]
2.5[0.1]
0.5[0.02]
±0.1[0.003]
10.0[0.39]
3.5[0.14]
0.6[0.024]
±0.1[0.003]
12[0.47]
4.5[0.18]
0.7[0.027]
±0.1[0.003]
16.0[0.63]
5.5[0.22]
0.8[0.031]
±0.1[0.003]
26.0[1/02]
8.6[0.34]
0.8[0.031]
±0.1[0.003]
SPECIFICATIONS
PartNumber-Resistance-Tolerance
MF55100kOhms0.5%
Ordering Information
0
0,5
1
1,5
2
2,5
3
50
70
90
110
130
155
Temperature (°C)
Resistances from 0.1Ohm to 22MOhms
Power Rating to 3Watts
Resistance Tolerances to ±0.05%
TCR’s to ±100ppm/K
Convenient RN Type Package Styles


Similar Part No. - MF65

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MF65 AMPHENOL-MF65 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Mitsubishi Electric Sem...
MF6512M-02BJXX MITSUBISHI-MF6512M-02BJXX Datasheet
145Kb / 18P
   2.5 Flash Drive
logo
GS Yuasa Battery Sales ...
MF655 GSYUASABATTERY-MF655 Datasheet
291Kb / 1P
   Capacity (20-hour) 126Ah
MF656 GSYUASABATTERY-MF656 Datasheet
283Kb / 1P
   Capacity (20-hour) 126Ah
MF657 GSYUASABATTERY-MF657 Datasheet
233Kb / 1P
   Capacity (20-hour) 142Ah
More results

Similar Description - MF65

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Riedon Powertron
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
   Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
   Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
   Film Resistors
logo
RFE international
MR12 RFE-MR12_V01 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
   Film Resistors
logo
Riedon Powertron
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
   Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
   Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
   Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com