Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC7106 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MAC7106
Description  Microcontroller Family Reference Manual
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7106 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MAC7106 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7106 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Features
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
7
— Separately enabled transmitter and receiver
— Separate receiver and transmitter CPU interrupt requests
— Programmable transmitter output polarity
— Two receiver wake-up methods
— Interrupt-driven operation with eight flags
— Receiver framing error detection
— Hardware parity checking
— 1/16-bit time noise reduction
— Two DMA request lines per module (one each for receive and transmit data)
— Support for LIN bus protocol (version 1.2 and version 2.0).
– Full LIN master node autonomous message frame handling.
– Frame hardware significantly reduces interrupt overhead.
– LIN message header generation.
– Slave timeout detection.
– Optional CRC message checking.
– Detection and flagging of LIN errors.
Inter-Integrated Circuit (I2C) Bus module
— Two wire bi-directional serial bus for on-board communications
— Compatibility with I2C Bus standard
— Multi-master operation
— Software-programmable for one of 256 different serial clock frequencies
— Interrupt-driven byte-by-byte data transfer
— Arbitration-lost interrupt with automatic mode switching from master to slave
— Calling address identification interrupt
— Start and stop signal generation/detection
— Repeated START signal generation
— Acknowledge bit generation/detection
— Bus-busy detection
— Two DMA request lines to receive and transmit data
Periodic Interrupt Timer (PIT) Module
— Independent timeout periods for each of the ten 24-bit timers
— One real-time interrupt (RTI) timer to wake up the CPU in wait mode or pseudo-stop mode
— Eight timers that can be configured to generate DMA trigger pulses
— Four timers that can be configured to generate interrupts instead of triggers
— Two timers that can be configured to generate ATD trigger pulses
Miscellaneous Control Module (MCM)
— Program-visible information regarding the device configuration and revision
— SPP module configuration and reset status
— Software watchdog timer with programmable, staged response
— Wake-up control for exiting sleep modes
— Cross-bar switch remapping
— Address information for faulted memory accesses


Similar Part No. - MAC7106

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7106 FREESCALE-MAC7106 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7106 FREESCALE-MAC7106 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7106CAF50 FREESCALE-MAC7106CAF50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7106CAG50 FREESCALE-MAC7106CAG50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7106CFU50 FREESCALE-MAC7106CFU50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7106

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100_0410 FREESCALE-MAC7100_0410 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7200 FREESCALE-MAC7200 Datasheet
6Mb / 976P
   MAC7200 Microcontroller Family Reference Manual
S9S12G128F0CLF FREESCALE-S9S12G128F0CLF Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
MC9S12XEQ512MAA FREESCALE-MC9S12XEQ512MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XET256MAA FREESCALE-MC9S12XET256MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAA FREESCALE-MC9S12XEG128MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAL FREESCALE-MC9S12XEG128MAL Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MKL04Z32VFK4 FREESCALE-MKL04Z32VFK4 Datasheet
5Mb / 658P
   KL04 Sub-Family Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com