Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC7124 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MAC7124
Description  Microcontroller Family Reference Manual
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7124 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MAC7124 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7124 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Block Diagram
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
3
PLL module allows power consumption and performance to be adjusted to suit operational requirements. Both
E-ICE and Nexus 2 interfaces are implemented to support development and debug tool chains.
MAC7100 devices include an on-chip multi-output voltage regulator, thus requiring only a single external
3.3V to 5V power supply. The maximum operating range of devices in the family covers a junction
temperature of –40° C to 150° C and CPU clock frequencies up to 50 MHz (below 105° C, frequency is
limited to 40 MHz @ 150° C). Packaging options range from 100-pin LQFP up to 208-pin MAP BGA.
1
Block Diagram
Figure 1. MAC7100 Device Block Diagram
SRAM Controller
INTC
JTAG
EIM
FLASH Controller
SRAM
eDMA
XBS
AIPS
MCM
Program FLASH
Data FLASH
Standard Product Platform (SPP)
ARM7 TDMI-S
E-ICE
NEXUS II
Note: Refer to Table 1 for details of peripheral and memory configurations
Intelligent Peripheral
Subsystem (IPS)
ATD A
I2C
DSPI A
DSPI B
eSCI A
eSCI B
eMIOS
PIM
OSC & CRG
VREG
DMA MUX
SSM
PIT
ATD B
FlexCAN C
FlexCAN A
FlexCAN B
FlexCAN D
eSCI C
eSCI D


Similar Part No. - MAC7124

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7121 MOTOROLA-MAC7121 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7121 FREESCALE-MAC7121 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7121 FREESCALE-MAC7121 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7121CAF50 FREESCALE-MAC7121CAF50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7121CAG50 FREESCALE-MAC7121CAG50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7124

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100_0410 FREESCALE-MAC7100_0410 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7200 FREESCALE-MAC7200 Datasheet
6Mb / 976P
   MAC7200 Microcontroller Family Reference Manual
S9S12G128F0CLF FREESCALE-S9S12G128F0CLF Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
MC9S12XEQ512MAA FREESCALE-MC9S12XEQ512MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XET256MAA FREESCALE-MC9S12XET256MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAA FREESCALE-MC9S12XEG128MAA Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MC9S12XEG128MAL FREESCALE-MC9S12XEG128MAL Datasheet
8Mb / 1324P
   Reference Manual Covers MC9S12XE Family
MKL04Z32VFK4 FREESCALE-MKL04Z32VFK4 Datasheet
5Mb / 658P
   KL04 Sub-Family Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com