Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51AC2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51AC2
Description  8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2 Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51AC2 Datasheet HTML 1Page - ATMEL Corporation T89C51AC2 Datasheet HTML 2Page - ATMEL Corporation T89C51AC2 Datasheet HTML 3Page - ATMEL Corporation T89C51AC2 Datasheet HTML 4Page - ATMEL Corporation T89C51AC2 Datasheet HTML 5Page - ATMEL Corporation T89C51AC2 Datasheet HTML 6Page - ATMEL Corporation T89C51AC2 Datasheet HTML 7Page - ATMEL Corporation T89C51AC2 Datasheet HTML 8Page - ATMEL Corporation T89C51AC2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Draft.A- March 30, 2001
1
Preview - Confidential
T89C51AC2
8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
1. Description
The T89C51AC2 is a high performance CMOS FLASH
version
of
the
80C51
CMOS
single
chip
8-bit
microcontrollers. It contains a 32Kbytes Flash memory
block for program and data.
The 16K bytes or 32K bytes FLASH memory can be
programmed either in parallel mode or in serial mode
with
the
ISP
capability
or
with
software.
The
programming voltage is internally generated from the
standard VCC pin.
The T89C51AC2 retains all features of the 80C52 with
256 bytes of internal RAM, a 7-source 4-level interrupt
controller and three timer/counters.
In addition, the T89C51AC2 has a 10 bits A/D converter,
a 2Kbytes Boot Flash
Memory, 2 Kbytes EEPROM
for data, a Programmable Counter Array, an XRAM of
1024 byte, a Hardware Watchdog Timer and a more
versatile serial channel that facilitates multiprocessor
communication (EUART).
The fully static design of the T89C51AC2 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The T89C51AC2 has 2 software-selectable modes of
reduced activity and 8 bit clock prescaler for further
reduction in power consumption. In the Idle mode the
CPU is frozen while the peripherals and the interrupt
system are still operating. In the power-down mode the
RAM is saved and all other functions are inoperative.
The added features of the T89C51AC2 make it more
powerful for applications that need
A/D conversion,
pulse width modulation, high speed I/O and counting
capabilities such as industrial control, consumer goods,
alarms, motor control, ...
While remaining fully compatible with the 80C51 it
offers a superset of this standard microcontroller. In X2
mode a maximum external clock rate of 20 MHz reaches
a 300 ns cycle time.
2. Features
80C51 core architecture:
• 256 bytes of on-chip RAM
• 1Kbytes of on-chip XRAM
• 32 Kbytes of on-chip Flash memory
• 2 Kbytes of on-chip Flash for Bootloader
• 2 Kbytes of on-chip EEPROM
• 14-source 4-level interrupt
• Three 16-bit timer/counter
• Full duplex UART compatible 80C51
• maximum crystal frequency 40 MHz. In X2 mode,
20 MHz (CPU core, 40 MHz)
• Five ports: 32 + 2 digital I/O lines
• Five channel 16-bit PCA with:
-
PWM (8-bit)
-
High-speed output
-
Timer and edge capture
• Double Data Pointer
• 21 bit watchdog timer (including 7 programmable
bits)
A 10-bit resolution analog to digital converter (ADC)
with 8 multiplexed inputs
• 20 microsecond conversion time
• Two conversion modes
On-chip emulation Logic (enhanced Hook system)
Power saving modes:
• Idle mode
• Power down mode
Power supply: 5V +/- 10% (or 3V** +/- 10%)
Temperature range: Industrial (-40 to +85C)
Packages: TQFP44, PLCC44


Similar Part No. - T89C51AC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
324Kb / 29P
   80C51 Microcontrollers
T89C51AC2-RLTIM ATMEL-T89C51AC2-RLTIM Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-RLTIM ATMEL-T89C51AC2-RLTIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - T89C51AC2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F24D HOLTEK-HT66F24D Datasheet
4Mb / 177P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F24D HOLTEK-HT66F24D_13 Datasheet
4Mb / 175P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com