Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85C5121-S3RIL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T85C5121-S3RIL
Description  8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T85C5121-S3RIL Datasheet(HTML) 2 Page - ATMEL Corporation

  T85C5121-S3RIL Datasheet HTML 1Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 2Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 3Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 4Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 5Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 6Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 7Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 8Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
2
T8xC5121
4164C–SCR–07/03
Description
T8xC5121 is a high performance CMOS ROM/CRAM derivative of the 80C51 CMOS
single chip 8-bit microcontrollers.
T8xC5121 retains the features of the Atmel 80C51 with extended ROM capacity (16
Kbytes), 512 bytes of internal RAM, a 4-level interrupt system, two 16-bit timer/counters
(T0/T1), a full duplex enhanced UART (EUART) with baud rate generator (BRG) and an
on-chip oscillator.
In addition, the T8xC5121 have, a Multi protocol Smart Card Interface, a dual data
pointer, 2 programmable LED current sources (2-4-10 mA) and a hardware Watchdog.
T89C5121 Flash RAM version and T85C5121 Code RAM version can be loaded by In-
System Programming (ISP) software residing in the on-chip ROM from a low-cost exter-
nal serial EEPROM or from R232 interface.
T8xC5121 have 2 software-selectable modes of reduced activity for further reduction in
power consumption.
Block Diagram
Figure 1. Block Diagram
Notes:
1. Alternate function of Port 1
2. Alternate function of Port 3
3. Only for the Code RAM version
4. Only for PLCC52
Timer 0
INT
RAM
256 x8
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
C51
CORE
(2) (2)
(2) (2)
IB-bus
ROM
Xtal
Osc
XRAM
256
x8
SCIB
CC8
CRST
CPRES
CIO
CC4
CCLK
C
V
CC
6 I/Os
CRST1
CIO1
CCLK1
(2)
(2)
(2)
(4)
16K x8
CRAM
16K x8
(2) (2)
8 I/Os
Voltage
Reg.
(1)
(1)
(1)
(1)
(1)
(1)
LED
Drive
Direct
(2)
(2)
Output
:1-16
Clock
(3)
Prescaler
X2
Watchdog
EA
PSEN
ALE
DC/DC
Converter
Level
Shifters
POR
PFD
Alternate
Card
BRG
Parallel I/O Ports


Similar Part No. - T85C5121-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T85C5121-S3RIL ATMEL-T85C5121-S3RIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T85C5121-S3RIL ATMEL-T85C5121-S3RIL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
More results

Similar Description - T85C5121-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com